Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 5 Page - E-SWITCH

Part # 700
Description  PUSHBUTTON SWITCHES - SNAP-ACTING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

700 Datasheet(HTML) 5 Page - E-SWITCH

  700 Datasheet HTML 1Page - E-SWITCH 700 Datasheet HTML 2Page - E-SWITCH 700 Datasheet HTML 3Page - E-SWITCH 700 Datasheet HTML 4Page - E-SWITCH 700 Datasheet HTML 5Page - E-SWITCH 700 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP1
CAP/FRAME SPDT
SCHEMATIC
PANEL MOUNT
Phone: 800-867-2717
Fax: 763-531-8235
64
SERIES 700 SWITCHES
Specifications subject to change without notice.
Example Ordering Number
700_ DP7_ M1_ Q _E_ AP1_ RED_ RED
PUSHBUTTON SWITCHES - SNAP-ACTING PANEL MOUNTED
SPECIFICATIONS
Contact Rating:
1A @ 250 VDC
3A @ 120 VDC or 28VDC
Life Expectancy:
50,000 cycles typical
Contact Resistance:
10mΩ max., typical @ 2-4 VDC,
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V rms at sea level
Actuation Force:
200 ± 50 gf
Operating Temperature: -30°C to +85°C
MATERIALS
Case:
Diallyl Phthalate (DAP)
Plunger:
Glass filled nylon or glass filled polyester
Bushing:
Nickel plated brass
Housing:
Stainless steel
Contacts:
Silver or Gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Snap acting contact design
Gold & silver contact options
Multiple termination options
Snap-in panel mount option
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
SERIES
CONTACT
MATERIAL
SP7
DP7
Q = Silver
R = Gold
MODEL NO.
700
AP1
AP2
CAP/FRAME
M1
M3
TERMINATION
SEAL
E = Epoxy
Sealed at
Base of
Terminal
E
CAP COLOR
FRAME
COLOR
BLK = Black
RED = Red
GRY = Grey
WHT= White
BLK = Black
RED = Red
GRY = Grey
WHT= White



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com