Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 6 Page - E-SWITCH

Part # 700
Description  PUSHBUTTON SWITCHES - SNAP-ACTING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

700 Datasheet(HTML) 6 Page - E-SWITCH

  700 Datasheet HTML 1Page - E-SWITCH 700 Datasheet HTML 2Page - E-SWITCH 700 Datasheet HTML 3Page - E-SWITCH 700 Datasheet HTML 4Page - E-SWITCH 700 Datasheet HTML 5Page - E-SWITCH 700 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.e-switch.com
info@e-switch.com
65
AP2
SCHEMATIC
PANEL MOUNT
CAP/FRAME DPDT
SOLDER LUG
TERMINATION OPTIONS FOR PANEL MOUNT
M1
QUICK CONNECT
M3
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
1 AMP @ 250 VAC
3 AMP @ 125 VAC or 28 VDC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 VA max. @ 20 VAC
AP2
SCHEMATIC
PANEL MOUNT
CAP/FRAME SPDT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com