Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 1 Page - E-SWITCH

Part # 700
Description  PUSHBUTTON SWITCHES - SNAP-ACTING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

700 Datasheet(HTML) 1 Page - E-SWITCH

  700 Datasheet HTML 1Page - E-SWITCH 700 Datasheet HTML 2Page - E-SWITCH 700 Datasheet HTML 3Page - E-SWITCH 700 Datasheet HTML 4Page - E-SWITCH 700 Datasheet HTML 5Page - E-SWITCH 700 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
60
SERIES 700 SWITCHES
Specifications subject to change without notice.
SERIES
CONTACT
MATERIAL
SP7
DP7
Q = Silver
R = Gold
See Cap Options
CAP
CAP COLOR
MODEL NO.
700
Example Ordering Number
700_ DP7_ B10_ M1_ Q _E_ H_ C1_ BLK
PUSHBUTTON SWITCHES - SNAP-ACTING
SPDT
SPECIFICATIONS
Contact Ratings:
1A @ 250 VAC
3A @ 120 VAC or 28 VDC
Life Expectancy:
50,000 cycles typical
Contact Resistance:
20mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V RMS @ sea level
Actuation Force:
200 ± 50 gf
Operating Temperature: -30°C to +85°C
Travel:
1.20mm Typ
MATERIALS
Case:
DAP
Plunger:
Glass filled nylon or glass filled polyester
Bushing:
Nickel plated brass
Frame:
Stainless steel
Contacts:
Silver or Gold plated copper alloy
HOW TO ORDER
SCHEMATIC
FEATURES & BENEFITS
Snap acting contact design
Gold & silver contact options
Multiple termination options
Snap-in panel mount option
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
( ) = Momentary
B10
B11
B20
B21
BUSHING
M1
M2
M51
M52
M53
M6
M7
TERMINATION
SEAL
E = Epoxy
Sealed at
Base of
Terminal
HARDWARE
H =
Hardware
VS2
VS3
VS4
VS5
E
Model No.
Type
SP-7
ON
(ON)
Term. Comm
1-3
1-2
P.C. MOUNTING


Similar Part No. - 700

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
RC Terminator Networks
logo
Laird Tech Smart Techno...
700 LSTD-700 Datasheet
296Kb / 2P
Highly compliant
More results

Similar Description - 700

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
Snap-acting Momentary Pushbutton Switches
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
Snap-Acting Pushbutton Switches (ON-MOM)
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
Sealed Snap-Acting Pushbutton Switches
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
Snap-acting Momentary Pushbutton Switches
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
Miniature Snap-acting Switches
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
Snap-Acting Momentary Pushbutton Switch
logo
C&K Components
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com