Electronic Components Datasheet Search
  English  ▼

X  

VSKJS203 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKJS203
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS203 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKJS203 Datasheet HTML 1Page - Vishay Siliconix VSKJS203 Datasheet HTML 2Page - Vishay Siliconix VSKJS203 Datasheet HTML 3Page - Vishay Siliconix VSKJS203 Datasheet HTML 4Page - Vishay Siliconix VSKJS203 Datasheet HTML 5Page - Vishay Siliconix VSKJS203 Datasheet HTML 6Page - Vishay Siliconix VSKJS203 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93226
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 04-May-10
1
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 200 A
VSKJS203/100
Vishay High Power Products
MECHANICAL DESCRIPTION
The
ADD-A-PAK
generation
VII,
new
generation
of
ADD-A-PAK module, combines the excellent thermal
performances obtained by the usage of exposed direct
bonded copper substrate, with advanced compact simple
package solution and simplified internal structure with
minimized number of interfaces.
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL pending
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink
ELECTRICAL DESCRIPTION
The VSKJS203.. Schottky rectifier common anode has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 175 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
200 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
200
A
VRRM
100
V
IFSM
tp = 5 μs sine
12 800
A
VF
100 Apk, TJ = 125 °C
0.87
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VSKJS203/100
UNITS
Maximum DC reverse voltage
VR
100
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VSKJS203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKJS209 VISHAY-VSKJS209 Datasheet
158Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKJS209/150P VISHAY-VSKJS209/150P Datasheet
158Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
More results

Similar Description - VSKJS203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS201 VISHAY-VSKCS201_10 Datasheet
176Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
18-May-10
VSKCS203 VISHAY-VSKCS203_10 Datasheet
188Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
07-Apr-10
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
09-Mar-11
VSKCS401 VISHAY-VSKCS401_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
05-Aug-09
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
04-May-10
VSKDS400 VISHAY-VSKDS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
09-Mar-11
VSKDS401 VISHAY-VSKDS401_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
VSKDS403 VISHAY-VSKDS403_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
VSKDS408 VISHAY-VSKDS408_09 Datasheet
145Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
VSKDS409 VISHAY-VSKDS409_11 Datasheet
126Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
13-Jan-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com