Electronic Components Datasheet Search
  English  ▼

X  

VSKJS203 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKJS203
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS203 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKJS203 Datasheet HTML 1Page - Vishay Siliconix VSKJS203 Datasheet HTML 2Page - Vishay Siliconix VSKJS203 Datasheet HTML 3Page - Vishay Siliconix VSKJS203 Datasheet HTML 4Page - Vishay Siliconix VSKJS203 Datasheet HTML 5Page - Vishay Siliconix VSKJS203 Datasheet HTML 6Page - Vishay Siliconix VSKJS203 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93226
4
Revision: 04-May-10
VSKJS203/100
Vishay High Power Products
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 200 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
200
150
100
50
250
300
0
80
140
180
0
40
60
100
160
120
20
93226_05
Square wave (D = 0.50)
Rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
80
120
100
140
60
40
20
160
0
93226_06
80
100
120
0
40
60
20
30°
60°
90°
120°
180°
DC
RMS limit
100
10
100
tp - Square Wave Pulse Duration (µs)
93226_07
1000
10 000
100 000
10 000
1000
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com