Electronic Components Datasheet Search
  English  ▼

X  

VSKJS203 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKJS203
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS203 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKJS203 Datasheet HTML 1Page - Vishay Siliconix VSKJS203 Datasheet HTML 2Page - Vishay Siliconix VSKJS203 Datasheet HTML 3Page - Vishay Siliconix VSKJS203 Datasheet HTML 4Page - Vishay Siliconix VSKJS203 Datasheet HTML 5Page - Vishay Siliconix VSKJS203 Datasheet HTML 6Page - Vishay Siliconix VSKJS203 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93226
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 04-May-10
3
VSKJS203/100
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 200 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
VFM - Forward Voltage Drop (V)
0
0.5
1.0
2.0
1.5
2.5
3.0
1
10
100
1000
93226_01
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
VR - Reverse Voltage (V)
0
103050
90
70
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
93226_02
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
VR - Reverse Voltage (V)
020
40
90
60
10
30
70
100
80
50
110
100
1000
10 000
93226_03
T
J = 25 °C
0.01
0.1
1
0.00001
93226_04
0.0001
0.001
0.01
0.1
1
10
t1 - Rectangular Pulse Duration (s)
100
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com