Electronic Components Datasheet Search
  English  ▼

X  

VSKJS440 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSKJS440
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS440 Datasheet(HTML) 5 Page - Vishay Siliconix

  VSKJS440 Datasheet HTML 1Page - Vishay Siliconix VSKJS440 Datasheet HTML 2Page - Vishay Siliconix VSKJS440 Datasheet HTML 3Page - Vishay Siliconix VSKJS440 Datasheet HTML 4Page - Vishay Siliconix VSKJS440 Datasheet HTML 5Page - Vishay Siliconix VSKJS440 Datasheet HTML 6Page - Vishay Siliconix VSKJS440 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94645
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 09-Mar-11
5
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSKJS440/030
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 440 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95369
1
-
Vishay Semiconductors product
2
-
Circuit configuration:
3
-
S = Schottky diode
4
-
Average rating (x 10)
5
-
Product silicon identification
6
-
Voltage rating (030 = 30 V)
KJ = ADD-A-PAK - 2 diodes/common anode
Device code
5
1
3
2
4
6
VS
KJ
S
44
0
/
030
(1)
-
(3)
+
(2)
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com