Electronic Components Datasheet Search
  English  ▼

X  

VSKJS440 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKJS440
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS440 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKJS440 Datasheet HTML 1Page - Vishay Siliconix VSKJS440 Datasheet HTML 2Page - Vishay Siliconix VSKJS440 Datasheet HTML 3Page - Vishay Siliconix VSKJS440 Datasheet HTML 4Page - Vishay Siliconix VSKJS440 Datasheet HTML 5Page - Vishay Siliconix VSKJS440 Datasheet HTML 6Page - Vishay Siliconix VSKJS440 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94645
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 09-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 440 A
VSKJS440/030
Vishay Semiconductors
MECHANICAL DESCRIPTION
The
ADD-A-PAK
generation
VII,
new
generation
of
ADD-A-PAK module, combines the excellent thermal
performances obtained by the usage of exposed direct
bonded copper substrate, with advanced compact simple
package solution and simplified internal structure with
minimized number of interfaces.
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for industrial level
BENEFITS
• Excellent thermal performances obtained by the usage of
exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink
ELECTRICAL DESCRIPTION
The VSKJS440/030 Schottky rectifier common anode has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
440 A
ADD-A-PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
440
A
VRRM
30
V
IFSM
tp = 5 μs sine
27 000
A
VF
200 Apk, TJ = 125 °C
0.61
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VSKJS440/030
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM


Similar Part No. - VSKJS440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKJS440 VISHAY-VSKJS440 Datasheet
160Kb / 6P
Schottky Rectifier, 440 A
25-Apr-08
VSKJS440/030P VISHAY-VSKJS440/030P Datasheet
160Kb / 6P
Schottky Rectifier, 440 A
25-Apr-08
More results

Similar Description - VSKJS440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS203 VISHAY-VSKCS203_10 Datasheet
188Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
07-Apr-10
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
09-Mar-11
VSKCS401 VISHAY-VSKCS401_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
05-Aug-09
VSKCS403 VISHAY-VSKCS403_09 Datasheet
144Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
05-Aug-09
VSKCS440 VISHAY-VSKCS440_11 Datasheet
128Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
09-Mar-11
VSKDS203 VISHAY-VSKDS203_10 Datasheet
174Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
04-May-10
VSKDS220 VISHAY-VSKDS220_09 Datasheet
144Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 110 A
05-Aug-09
VSKDS400 VISHAY-VSKDS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
09-Mar-11
VSKDS401 VISHAY-VSKDS401_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
VSKDS403 VISHAY-VSKDS403_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com