Electronic Components Datasheet Search
  English  ▼

X  

VSKJS440 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKJS440
Description  ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 440 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKJS440 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKJS440 Datasheet HTML 1Page - Vishay Siliconix VSKJS440 Datasheet HTML 2Page - Vishay Siliconix VSKJS440 Datasheet HTML 3Page - Vishay Siliconix VSKJS440 Datasheet HTML 4Page - Vishay Siliconix VSKJS440 Datasheet HTML 5Page - Vishay Siliconix VSKJS440 Datasheet HTML 6Page - Vishay Siliconix VSKJS440 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94645
4
Revision: 09-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSKJS440/030
Vishay Semiconductors
ADD-A-PAK Generation VII
Power Modules Schottky Rectifier, 440 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
AverageForwardCurrent-IF
(AV)(A)
0
100
200
300
400
500
600
0
40
80
120
160
DC
Square wave (D=0.50)
80% rated Vr applied
see note (1)
AverageForwardCurrent-IF
(AV) (A)
0
50
100
150
200
250
300
0
50
100
150
200
180°
120°
90°
60°
30°
DC
RMS Limit
SquareWavePulseDuration-t
p (microsec)
1000
10000
100000
10
100
1000
10000
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com