Electronic Components Datasheet Search
  English  ▼

X  

W25X40ALZPIG Datasheet(PDF) 9 Page - Winbond

Part # W25X40ALZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40ALZPIG Datasheet(HTML) 9 Page - Winbond

Back Button W25X40ALZPIG Datasheet HTML 5Page - Winbond W25X40ALZPIG Datasheet HTML 6Page - Winbond W25X40ALZPIG Datasheet HTML 7Page - Winbond W25X40ALZPIG Datasheet HTML 8Page - Winbond W25X40ALZPIG Datasheet HTML 9Page - Winbond W25X40ALZPIG Datasheet HTML 10Page - Winbond W25X40ALZPIG Datasheet HTML 11Page - Winbond W25X40ALZPIG Datasheet HTML 12Page - Winbond W25X40ALZPIG Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
W25X10AL, W25X20AL, W25X40AL, W25X80AL
Publication Release Date: October 7, 2009
- 9 -
Revision D
9.
FUNCTIONAL DESCRIPTION
9.1
SPI OPERATIONS
9.1.1
SPI Modes
The W25X10AL/20AL/40AL/80AL is accessed through an SPI compatible bus consisting of four
signals: Serial Clock (CLK), Chip Select (/CS), Serial Data Input/Output (DIO) and Serial Data Output
(DO). Both SPI bus operation Modes 0 (0,0) and 3 (1,1) are supported. The primary difference
between Mode 0 and Mode 3 concerns the normal state of the CLK signal when the SPI bus master is
in standby and data is not being transferred to the Serial Flash. For Mode 0 the CLK signal is normally
low. For Mode 3 the CLK signal is normally high. In either case data input on the DIO pin is sampled
on the rising edge of the CLK. Data on the DO and DIO pins are clocked out on the falling edge of
CLK.
9.1.2
Dual Output SPI
The W25X10AL/20AL/40AL/80AL supports Dual output operation when using the “Fast Read with
Dual Output” (3B hex) instruction. This feature allows data to be transferred from the Serial Flash
memory at twice the rate possible with the standard SPI. This instruction is ideal for quickly
downloading code from Flash to RAM upon power-up (code-shadowing) or for applications that cache
code-segments to RAM for execution. The Dual output feature simply allows the SPI input pin to also
serve as an output during this instruction. All other operations use the standard SPI interface with
single output signal.
9.1.3
Hold Function
The /HOLD signal allows the W25X10AL/20AL/40AL/80AL operation to be paused while it is actively
selected (when /CS is low). The /HOLD function may be useful in cases where the SPI data and clock
signals are shared with other devices. For example, consider if the page buffer was only partially
written when a priority interrupt requires use of the SPI bus. In this case the /HOLD function can save
the state of the instruction and the data in the buffer so programming can resume where it left off once
the bus is available again.
To initiate a /HOLD condition, the device must be selected with /CS low. A /HOLD condition will
activate on the falling edge of the /HOLD signal if the CLK signal is already low. If the CLK is not
already low the /HOLD condition will activate after the next falling edge of CLK. The /HOLD condition
will terminate on the rising edge of the /HOLD signal if the CLK signal is already low. If the CLK is not
already low the /HOLD condition will terminate after the next falling edge of CLK.
During a /HOLD condition, the Serial Data Output (DO) is high impedance, and Serial Data
Input/Output (DIO) and Serial Clock (CLK) are ignored. The Chip Select (/CS) signal should be kept
active (low) for the full duration of the /HOLD operation to avoid resetting the internal logic state of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com