Electronic Components Datasheet Search
  English  ▼

X  

W25X40ALZPIG Datasheet(PDF) 32 Page - Winbond

Part # W25X40ALZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40ALZPIG Datasheet(HTML) 32 Page - Winbond

Back Button W25X40ALZPIG Datasheet HTML 28Page - Winbond W25X40ALZPIG Datasheet HTML 29Page - Winbond W25X40ALZPIG Datasheet HTML 30Page - Winbond W25X40ALZPIG Datasheet HTML 31Page - Winbond W25X40ALZPIG Datasheet HTML 32Page - Winbond W25X40ALZPIG Datasheet HTML 33Page - Winbond W25X40ALZPIG Datasheet HTML 34Page - Winbond W25X40ALZPIG Datasheet HTML 35Page - Winbond W25X40ALZPIG Datasheet HTML 36Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
W25X10AL, W25X20AL, W25X40AL, W25X80AL
- 32 -
11.3 Endurance and Data Retention
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Erase/Program Cycles
4KB sector, 64KB block or full chip.
100,000
cycles
Data Retention
55°C
20
years
11.4 Power-up Timing and Write Inhibit Threshold
SPEC
PARAMETER
SYMBOL
MIN
MAX
UNIT
VCC (min) to /CS Low
tVSL(1)
10
µs
Time Delay Before Write Instruction
tPUW(1)
1
10
ms
Write Inhibit Threshold Voltage
VWI(1)
1
2
V
Note:
1. These parameters are characterized only.
Figure 20. Power-up Timing and Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com