Electronic Components Datasheet Search
  English  ▼

X  

W25X40ALZPIG Datasheet(PDF) 29 Page - Winbond

Part # W25X40ALZPIG
Description  1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40ALZPIG Datasheet(HTML) 29 Page - Winbond

Back Button W25X40ALZPIG Datasheet HTML 25Page - Winbond W25X40ALZPIG Datasheet HTML 26Page - Winbond W25X40ALZPIG Datasheet HTML 27Page - Winbond W25X40ALZPIG Datasheet HTML 28Page - Winbond W25X40ALZPIG Datasheet HTML 29Page - Winbond W25X40ALZPIG Datasheet HTML 30Page - Winbond W25X40ALZPIG Datasheet HTML 31Page - Winbond W25X40ALZPIG Datasheet HTML 32Page - Winbond W25X40ALZPIG Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
W25X10AL, W25X20AL, W25X40AL, W25X80AL
Publication Release Date: October 7, 2009
- 29 -
Revision D
10.2.16 Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down/
Device ID instruction that provides both JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device
ID instruction. The instruction is initiated by driving the /CS pin low and shifting the instruction code
“90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Winbond
(EFh) and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first
as shown in figure 18. The Device ID values for the W25X10AL, W25X20AL, W25X40AL and
W25X80AL are listed in Manufacturer and Device Identification table. If the 24-bit address is initially
set to 000001h the Device ID will be read first and then followed by the Manufacturer ID. The
Manufacturer and Device IDs can be read continuously, alternating from one to the other. The
instruction is completed by driving /CS high.
Figure 18. Read Manufacturer / Device ID Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com