Electronic Components Datasheet Search
  English  ▼

X  

ADC1610S Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ADC1610S
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1610S Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ADC1610S Datasheet HTML 9Page - NXP Semiconductors ADC1610S Datasheet HTML 10Page - NXP Semiconductors ADC1610S Datasheet HTML 11Page - NXP Semiconductors ADC1610S Datasheet HTML 12Page - NXP Semiconductors ADC1610S Datasheet HTML 13Page - NXP Semiconductors ADC1610S Datasheet HTML 14Page - NXP Semiconductors ADC1610S Datasheet HTML 15Page - NXP Semiconductors ADC1610S Datasheet HTML 16Page - NXP Semiconductors ADC1610S Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ADC1610S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 January 2011
13 of 40
NXP Semiconductors
ADC1610S series
Single 16-bit ADC; CMOS or LVDS DDR digital output
10.3 SPI timings
[1]
Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 °C and CL = 5 pF; minimum and maximum
values are across the full temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDO =1.8 V.
10.4 Typical characteristics
Table 9.
SPI timings characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(SCLK)
SCLK pulse width
-
40
-
ns
tw(SCLKH)
SCLK HIGH pulse width
-
16
-
ns
tw(SCLKL)
SCLK LOW pulse width
-
16
-
ns
tsu
set-up time
data to SCLK HIGH
-
5
-
ns
CS to SCLK HIGH
-
5
-
ns
th
hold time
data to SCLK HIGH
-
2
-
ns
CS to SCLK HIGH
-
2
-
ns
fclk(max)
maximum clock frequency
-
25
-
MHz
Fig 6.
SPI timing
tsu
SDIO
SCLK
R/W
W1
W0
A12
A11
D2
D1
D0
tsu
th
th
tw(SCLK)
005aaa065
CS
tw(SCLKL)
tw(SCLKH)
Fig 7.
Capacitance as a function of frequency
Fig 8.
Resistance as a function of frequency
f (MHz)
50
550
450
250
350
150
001aam619
2.8
2.6
3.0
3.2
C
(pF)
2.4
f (MHz)
50
550
450
250
350
150
001aam614
8
4
12
16
R
(k
Ω)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com