Electronic Components Datasheet Search
  English  ▼

X  

ADC1610S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ADC1610S
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1610S Datasheet(HTML) 2 Page - NXP Semiconductors

  ADC1610S Datasheet HTML 1Page - NXP Semiconductors ADC1610S Datasheet HTML 2Page - NXP Semiconductors ADC1610S Datasheet HTML 3Page - NXP Semiconductors ADC1610S Datasheet HTML 4Page - NXP Semiconductors ADC1610S Datasheet HTML 5Page - NXP Semiconductors ADC1610S Datasheet HTML 6Page - NXP Semiconductors ADC1610S Datasheet HTML 7Page - NXP Semiconductors ADC1610S Datasheet HTML 8Page - NXP Semiconductors ADC1610S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ADC1610S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 January 2011
2 of 40
NXP Semiconductors
ADC1610S series
Single 16-bit ADC; CMOS or LVDS DDR digital output
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
fs (Msps) Package
Name
Description
Version
ADC1610S125HN/C1 125
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
ADC1610S105HN/C1 105
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
ADC1610S080HN/C1 80
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
ADC1610S065HN/C1 65
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
Fig 1.
Block diagram
ADC1610S
SPI INTERFACE
OUTPUT
DRIVERS
OUTPUT
DRIVERS
SYSTEM
REFERENCE AND
POWER
MANAGEMENT
ERROR
CORRECTION AND
DIGITAL
PROCESSING
ADC CORE
16-BIT
PIPELINED
T/H
INPUT
STAGE
INP
OTR
CS
SDIO/ODS
SCLK/DFS
PWD
REFT
CMOS:
D15 to D0
or
LVDS DDR:
D14_D15_M to D0_D1_M
D14_D15_P to D0_D1_P
INM
CLOCK INPUT
STAGE AND DUTY
CYCLE CONTROL
REFB
CLKM
CLKP
SENSE
VREF
VCM
005aaa156
OE
CMOS:
DAV
or
LVDS DDR:
DAVP
DAVM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com