Electronic Components Datasheet Search
  English  ▼

X  

ADC1610S Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ADC1610S
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1610S Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ADC1610S Datasheet HTML 17Page - NXP Semiconductors ADC1610S Datasheet HTML 18Page - NXP Semiconductors ADC1610S Datasheet HTML 19Page - NXP Semiconductors ADC1610S Datasheet HTML 20Page - NXP Semiconductors ADC1610S Datasheet HTML 21Page - NXP Semiconductors ADC1610S Datasheet HTML 22Page - NXP Semiconductors ADC1610S Datasheet HTML 23Page - NXP Semiconductors ADC1610S Datasheet HTML 24Page - NXP Semiconductors ADC1610S Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADC1610S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 January 2011
21 of 40
NXP Semiconductors
ADC1610S series
Single 16-bit ADC; CMOS or LVDS DDR digital output
Figure 21 to Figure 24 illustrate how to connect the SENSE and VREF pins to select the
required reference voltage source.
11.3.2 Programmable full-scale
The full-scale is programmable between 1 V (p-p) to 2 V (p-p) (see Table 13).
Fig 21. Internal reference, 2 V (p-p) full scale
Fig 22. Internal reference, 1 V (p-p) full scale
Fig 23. External reference, 1 V (p-p) to 2 V (p-p)
full-scale
Fig 24. Internal reference via SPI, 1 V (p-p) to 2 V (p-p)
full-scale
330 pF
VREF
SENSE
005aaa116
REFERENCE
EQUIVALENT
SCHEMATIC
330
pF
005aaa117
VREF
SENSE
REFERENCE
EQUIVALENT
SCHEMATIC
0.1
μF
VDDA
V
005aaa119
VREF
SENSE
REFERENCE
EQUIVALENT
SCHEMATIC
REFERENCE
EQUIVALENT
SCHEMATIC
330 pF
005aaa118
VREF
SENSE
Table 13.
Reference SPI gain control
INTREF[2:0]
Gain (dB)
Full-scale (V (p-p))
000
0
2
001
−11.78
010
−21.59
011
−31.42
100
−41.26
101
−51.12
110
−61
111
reserved
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com