Electronic Components Datasheet Search
  English  ▼

X  

BLF642 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF642
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF642 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF642 Datasheet HTML 1Page - NXP Semiconductors BLF642 Datasheet HTML 2Page - NXP Semiconductors BLF642 Datasheet HTML 3Page - NXP Semiconductors BLF642 Datasheet HTML 4Page - NXP Semiconductors BLF642 Datasheet HTML 5Page - NXP Semiconductors BLF642 Datasheet HTML 6Page - NXP Semiconductors BLF642 Datasheet HTML 7Page - NXP Semiconductors BLF642 Datasheet HTML 8Page - NXP Semiconductors BLF642 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BLF642
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 22 July 2011
4 of 12
NXP Semiconductors
BLF642
Broadband power LDMOS transistor
8.
Test information
8.1 RF performance
The following figures are measured in a class-AB production test circuit.
8.1.1 1-Tone CW
VDS = 32 V; IDq = 200 mA; f = 1300 MHz.
VDS = 32 V; f = 1300 MHz.
(1) IDq = 50 mA
(2) IDq = 100 mA
(3) IDq = 150 mA
(4) IDq = 200 mA
(5) IDq = 250 mA
(6) IDq = 300 mA
(7) IDq = 350 mA
Fig 1.
Power gain and drain efficiency as function of
load power; typical values
Fig 2.
Power gain as a function of load power;
typical values
PL (W)
050
40
20
30
10
001aan775
40
20
60
80
ηD
(%)
0
ηD
18
16
20
22
GP
(dB)
GP
14
PL (W)
050
40
20
30
10
001aan776
(1)
(2)
(3)
(4)
(5)
(6)
(7)
18
16
20
22
GP
(dB)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com