Electronic Components Datasheet Search
  English  ▼

X  

BLF642 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF642
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF642 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF642 Datasheet HTML 3Page - NXP Semiconductors BLF642 Datasheet HTML 4Page - NXP Semiconductors BLF642 Datasheet HTML 5Page - NXP Semiconductors BLF642 Datasheet HTML 6Page - NXP Semiconductors BLF642 Datasheet HTML 7Page - NXP Semiconductors BLF642 Datasheet HTML 8Page - NXP Semiconductors BLF642 Datasheet HTML 9Page - NXP Semiconductors BLF642 Datasheet HTML 10Page - NXP Semiconductors BLF642 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BLF642
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 22 July 2011
7 of 12
NXP Semiconductors
BLF642
Broadband power LDMOS transistor
[1]
American Technical Ceramics type 100B or capacitor of same quality.
[2]
American Technical Ceramics type 100A or capacitor of same quality.
[3]
TDK C570X7R1H106KT000N or capacitor of same quality.
Table 8.
List of components
For production test circuit, see Figure 8 .
Printed-Circuit Board (PCB): Rogers 5880;
r = 2.2; height = 0.762 mm; Copper (top/bottom
metallization); thickness copper plating = 35
m.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
22 pF
[1]
C2
multilayer ceramic chip capacitor
5.1 pF
[2]
C3
multilayer ceramic chip capacitor
4.3 pF
[2]
C4
multilayer ceramic chip capacitor
10 pF
[2]
C5
electrolytic chip capacitor
10
F; 50 V
C6
multilayer ceramic chip capacitor
22 nF
C11, C12
multilayer ceramic chip capacitor
22 pF
[1]
C13, C14
multilayer ceramic chip capacitor
6.2 pF
[1]
C15
multilayer ceramic chip capacitor
4.3 pF
[1]
C16
multilayer ceramic chip capacitor
1.2 pF
[1]
C17
multilayer ceramic chip capacitor
22 pF
[1]
C18, C19
multilayer ceramic chip capacitor
10
F
[3]
C20
electrolytic capacitor
470
F; 63 V
R1
wire resistor
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com