Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 116Page - NXP Semiconductors LPC4310 Datasheet HTML 117Page - NXP Semiconductors LPC4310 Datasheet HTML 118Page - NXP Semiconductors LPC4310 Datasheet HTML 119Page - NXP Semiconductors LPC4310 Datasheet HTML 120Page - NXP Semiconductors LPC4310 Datasheet HTML 121Page - NXP Semiconductors LPC4310 Datasheet HTML 122Page - NXP Semiconductors LPC4310 Datasheet HTML 123Page - NXP Semiconductors LPC4310 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
120 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
11.12 SD/MMC
11.13 LCD
Table 24.
Dynamic characteristics: SD/MMC
Tamb =25 C, 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V, CL = 20 pF. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin SD_CLK; data
transfer mode
-
40
<tbd> MHz
on pin SD_CLK;
identification mode
<tbd> MHz
tsu(D)
data input set-up
time
on pins SD_CMD, SD_DATn
as inputs
<tbd> 9.9
-
ns
th(D)
data input hold time
on pins SD_CMD, SD_DATn
as inputs
<tbd> 0.3
-
ns
td(QV)
data output valid
delay time
on pins SD_CMD, SD_DATn
as outputs
-
6.9
<tbd> ns
th(Q)
data output hold time on pins SD_CMD, SD_DATn
as outputs
<tbd> 0.3
-
ns
Fig 34. SD/MMC timing
002aag204
SD_CLK
SD_DATn (O)
SD_DATn (I)
td(QV)
th(D)
tsu(D)
Tcy(clk)
th(Q)
SD_CMD (O)
SD_CMD (I)
Table 25.
Dynamic characteristics: LCD
Tamb =25 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V; CL = 20 pF. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin LCD_DCLK
-
50
<tbd> MHz
tsu(D)
data input set-up
time
<tbd>
-
ns
th(D)
data input hold time
<tbd> <tbd>
-
ns
td(QV)
data output valid
delay time
-
14.1
<tbd> ns
th(Q)
data output hold time
<tbd> <tbd>
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com