Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 121 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 117Page - NXP Semiconductors LPC4310 Datasheet HTML 118Page - NXP Semiconductors LPC4310 Datasheet HTML 119Page - NXP Semiconductors LPC4310 Datasheet HTML 120Page - NXP Semiconductors LPC4310 Datasheet HTML 121Page - NXP Semiconductors LPC4310 Datasheet HTML 122Page - NXP Semiconductors LPC4310 Datasheet HTML 123Page - NXP Semiconductors LPC4310 Datasheet HTML 124Page - NXP Semiconductors LPC4310 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
121 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
12. ADC/DAC electrical characteristics
[1]
The ADC is monotonic, there are no missing codes.
[2]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 35.
[3]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 35.
[4]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 35.
[5]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 35.
[6]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve. See Figure 35.
[7]
Tamb = 25 C; maximum sampling frequency fs = 4.5 MHz and analog input capacitance Cia = 2 pF.
[8]
Input resistance Ri depends on the sampling frequency fs: Ri = 2 k + 1 / (fs  Cia).
Table 26.
ADC characteristics
VDDA(3V3) over specified ranges; Tamb = 40 C to +85 C; ADC frequency 4.5 MHz; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA(3V3)
V
Cia
analog input
capacitance
--
2
pF
ED
differential linearity error 2.7 V
 V
DDA(3V3)  3.6 V
[1][2] -
0.8
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.0
-
LSB
EL(adj)
integral non-linearity
2.7 V
 V
DDA(3V3)  3.6 V
[3] -
0.8
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
1.5
-
LSB
EO
offset error
2.7 V
 V
DDA(3V3)  3.6 V
[4] -
0.15
-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
0.15
-
LSB
EG
gain error
2.7 V
 V
DDA(3V3)  3.6 V
[5] -
0.3
-
%
2.2 V
 V
DDA(3V3) < 2.7 V
-
0.35
-
%
ET
absolute error
2.7 V
 V
DDA(3V3)  3.6 V
[6] -
3-
LSB
2.2 V
 V
DDA(3V3) < 2.7 V
-
4-
LSB
Rvsi
voltage source interface
resistance
see Figure 36
--
1/(7
 f
clk(ADC)
 C
ia)
k
Ri
input resistance
[7][8] --
1.2
M
fclk(ADC)
ADC clock frequency
-
-
4.5
MHz
fc(ADC)
ADC conversion
frequency
10-bit resolution; 11 clock
cycles
-
-
400
kSamples/s
2-bit resolution; 3 clock
cycles
1.5
MSamples/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com