Electronic Components Datasheet Search
  English  ▼

X  

UBA2015 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2015
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2015 Datasheet HTML 7Page - NXP Semiconductors UBA2015 Datasheet HTML 8Page - NXP Semiconductors UBA2015 Datasheet HTML 9Page - NXP Semiconductors UBA2015 Datasheet HTML 10Page - NXP Semiconductors UBA2015 Datasheet HTML 11Page - NXP Semiconductors UBA2015 Datasheet HTML 12Page - NXP Semiconductors UBA2015 Datasheet HTML 13Page - NXP Semiconductors UBA2015 Datasheet HTML 14Page - NXP Semiconductors UBA2015 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
11 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
Fig 9.
State diagram
reset OR disable
VDD high AND
enable AND
NOT(overtemp)
GLHB AND
(reset OR disable)
GLHB AND
(VDD low
OR overtemp)
reset
restart
NOT(reset)
Preheat time completed
f low OR
ignition detected
001aam538
Non oscillating states
(IC is off)
Low power consumption
GHHB and GPFC low
Oscillating states
(IC is on)
Reset state
GLHB low
stop latch and ignition
attempt counter are reset
Preheat state
BOOST and EOL disabled
frequency is decreased
until HB preheat current or
the set value for the
preheat frequency
(UBA2015(A) only) is reached
Power on
Standby state
GLHB high
Stop state
GLHB low
fast fault
fault timeout
Other definitions:
enable = (VFFPRHT > Vth(en)(FFPRHT))
disable = NOT(enable)
ignition detected = (VIFB > Vth(lod)(IFB)) AND (VVFB < Vth(lod)(VFB))
Auto-restart
state
GLHB low
Ignition state
BOOST and EOL disabled
frequency is decreased
as long as no lamp overvoltage
or HB overcurrent or
hardswitching(1) is detected
(1)(UBA2016(A) only)
Burn state
ignition attempt counter is reset
BOOST function enabled
EOL protection enabled
Frequency determined by lamp
current regulation loop
fault timeout
AND
(ignition attempts = 1)
fault definitions:
overtemp =
fast fault =
slow fault =
the fault timer is started by slow fault and runs as
long as slow fault continues. NOT(slow fault) resets
the fault timer.
(1)(except for UBA2016A in IGNITION state after ZVS
has been seen)
(2)(BURN state only)
{set} T > Tth(act)otp
{reset} T < Tth(rel)otp
over voltage extra OR
capacitive mode(1) OR
(over current lamp AND f high)
coil saturation(2)
CPT low OR
VFB low OR
NOT(PFC OK) OR
over voltage OR
(over voltage end of life AND
NOT (deep dimming))(2) OR
coil saturation OR
hardswitching OR
brownout OR
asymetrical end of life(2)
fault timeout
AND
(ignition attempts = 2)
Supply voltage definitions
reset = (VDD < Vrst(VDD))
restart = (VDD < Vrestart(VDD))
VDD low = (VDD < Vstop(VDD))
VDD high = (VDD > Vstartup(VDD))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com