Electronic Components Datasheet Search
  English  ▼

X  

UBA2015 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # UBA2015
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button UBA2015 Datasheet HTML 25Page - NXP Semiconductors UBA2015 Datasheet HTML 26Page - NXP Semiconductors UBA2015 Datasheet HTML 27Page - NXP Semiconductors UBA2015 Datasheet HTML 28Page - NXP Semiconductors UBA2015 Datasheet HTML 29Page - NXP Semiconductors UBA2015 Datasheet HTML 30Page - NXP Semiconductors UBA2015 Datasheet HTML 31Page - NXP Semiconductors UBA2015 Datasheet HTML 32Page - NXP Semiconductors UBA2015 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
29 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
[1]
Default setting; see Table 7.
[2]
The threshold for the brownout protection is slightly below the normal regulation level on pin FBPFC. The design guarantees that it will
always be below this level because the clamp current from the PFC OTA is used as a signal.
Vth(cm)SHHB
capacitive mode detection threshold
voltage on pin SHHB
tno(LH)
-30
-V/
s
gm(hswr)
hard switching regulation
transconductance
UBA2016A; Ignition state
hard switching step on pin
SHHB above Vth(hswr)(SHHB)
per extra volt step at
fsw =50kHz
-18
-
A/V
Vth(scp)(CPT)
short-circuit protection threshold voltage
on pin CPT
80
120
160
mV
Rpar(ext)(CPT)
external parallel resistance on pin CPT
700
-
-
k
Rs(ext)(CPT)
external series resistance on pin CPT
-
-
40
k
tto(fault)
fault time-out time
CCPT = 100 nF
0.16
0.19
0.22
s
tto(ph)/tto(fault)
ratio between preheat time-out time and
fault time-out time
Rpar(ext) =700 k;
Rs(ext) not connected (short)
33.4
3.8
Rpar(ext) not connected (open);
Rs(ext) not connected (short)
4.7
5.2
5.7
Rpar(ext) not connected (open);
Rs(ext) =40 k
911.5
14
Ibo(CF)
brownout current on pin CF
VCOMPPFC =Vhigh(COMPPFC);
VFBPFC =1.0 V; VCF =1.5 V
12
17
22
A
V(Vreg-Vth(bo))
regulation voltage to brownout threshold
voltage difference on pin FBPFC
VCOMPPFC =Vhigh(COMPPFC)
[2]
10
30
50
mV
Idch(bo)CIFB
brownout discharge current on pin CIFB VCOMPPFC =Vhigh(COMPPFC);
VFBPFC =1.0 V; VCIFB =2.0 V
14
18
22
A
Boost
fsw(bst)(low)
low boost switching frequency
IBOOST  Isat(BOOST);
Cext(CF) =200 pF
21
24
27
kHz
Nf(bst)low
low boost frequency constant
0.14
0.165 0.19
1/
A
Vreg(bst)(IFB)
boost regulation voltage on pin IFB
IBOOST  Isat(BOOST)
1.75
1.84
1.93
V
NVreg(bst)
boost regulation voltage constant
0.16
0.2
0.24
V/
A
Isat(BOOST)
saturation current on pin BOOST
2.3
2.7
3.1
A
VBOOST
voltage on pin BOOST
IBOOST =1 A-
1
-
V
IBOOST =5 A-
1.4
-
V
IBOOST =50 A-
-
2.2
V
Temperature protection
Tth(act)otp
overtemperature protection activation
threshold temperature
120
140
160
°C
Tth(rel)otp
overtemperature protection release
threshold temperature
65
80
95
°C
Table 6.
Characteristics …continued
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com