Electronic Components Datasheet Search
  English  ▼

X  

UBA2015 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # UBA2015
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button UBA2015 Datasheet HTML 19Page - NXP Semiconductors UBA2015 Datasheet HTML 20Page - NXP Semiconductors UBA2015 Datasheet HTML 21Page - NXP Semiconductors UBA2015 Datasheet HTML 22Page - NXP Semiconductors UBA2015 Datasheet HTML 23Page - NXP Semiconductors UBA2015 Datasheet HTML 24Page - NXP Semiconductors UBA2015 Datasheet HTML 25Page - NXP Semiconductors UBA2015 Datasheet HTML 26Page - NXP Semiconductors UBA2015 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
23 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
timer is no longer detected for a period longer than the fault release delay time td(rel)fault,
the fault timer will be reset and at any new occurance of the fault, the timer will start from
zero.
Faults which activate the fault timer are shown as SlowFault in Figure 9 “State diagram”.
The fault timer uses the same pin (CPT) to set the time with an external capacitor Cext(CPT)
as the preheat timer. The ratio between the preheat time-out time tto(ph) and the fault
time-out time tto(fault) can be changed by adding an external series resistor Rs(ext)(CPT) or
an external parallel resistor Rp(ext)(CPT) to the external capacitor Cext(CPT); see Figure 15
“CPT connections”.
The fault timer incorporates a protection that ensures safe operation conditions if the CPT
pin voltage is below Vth(scp)(CPT) (shorted to GND) by holding the oscillation frequency at
fsw(high).
7.6.12 Brownout protection
Brownout protection is designed to maintain stable and safe lamp operation during dips in
mains supply. Without this protection the current demand from the bus voltage to maintain
constant lamp power would increase upon a drop in bus voltage. This creates an unstable
situation with the mains input voltage dropping and the PFC reaching its regulation range
limit.
Brownout protection reduces the lamp power when the PFC is out of regulation. This
situation is only allowed for a limited time to prevent excessive component stress.
When the PFC is outside its regulation range and the bus voltage is still too low
(VCOMPPFC =Vclamp(COMPPFC) and VFBPFC <Vreg(FBPFC)), a brownout current Ibo(CF) is
added to the charge current at pin CF, thus increasing the fsw(low). A discharge brownout
current Idch(bo)(CIFB) is also drawn from pin CIFB. Both Ibo(CF) and Idch(bo)(CIFB) are
proportional to the difference between VFBPFC and Vreg(FBPFC). If VFBPFC <Vth(bo)(FBPFC)
the fault timer will start.
The start-up bleeder resistor and the regulation range of the PFC should be dimensioned
in such a way that if the fault timer times out on brownout protection and the IC enters
Stop state, the input mains voltage is too low to support the standby current of the IC via
the bleeder resistor. The IC will then automatically reset and start-up in normal mode (and
reignite the lamps) when the mains voltage has returned to normal.
Fig 15. CPT connections
001aan210
Cext(CPT)
Rp(ext)(CPT)
Rs(ext)(CPT)
CPT
Cext(CPT)
CPT
Cext(CPT)
CPT
smaller ratio
default ratio
larger ratio
tto(ph)/tto(fault)
tto(ph)/tto(fault)
tto(ph)/tto(fault)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com