Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP90 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLD-AP90
Description  Cree® XLamp® XB-D LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP90 Datasheet(HTML) 3 Page - Cree, Inc

  CLD-AP90 Datasheet HTML 1Page - Cree, Inc CLD-AP90 Datasheet HTML 2Page - Cree, Inc CLD-AP90 Datasheet HTML 3Page - Cree, Inc CLD-AP90 Datasheet HTML 4Page - Cree, Inc CLD-AP90 Datasheet HTML 5Page - Cree, Inc CLD-AP90 Datasheet HTML 6Page - Cree, Inc CLD-AP90 Datasheet HTML 7Page - Cree, Inc CLD-AP90 Datasheet HTML 8Page - Cree, Inc CLD-AP90 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
xlamp xB-D leD solDering & hanDling
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
3
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at
www.cree.com.
pick & place nozzle
For pick and place nozzles coming into contact with silicone-covered LED components, Cree recommends nozzles be
constructed of non-metallic materials. Cree and several of Cree’s customers have had good success using nozzles
fabricated from Teflon or from 90d urethane. The following pick & place tool is specific to the XB Family LEDs.
All dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
4.500
1.125
4x 15.0°
2.500
+.100/-.000
2.500
+.100/-.000
± .050 thru
2.300
4x R.200
+.050/-.000
x 90°
2.400
5.500
1
/
1
13.000
A
12002494
Tool, Pickup-XB-D
Delrin
1/5/12
Don Hirsh
1/5/12
D. Seibel
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
A
Initial Release
DDS
1/5/12
D. H.
Add features as required
to interface with customer's tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com