Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP90 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-AP90
Description  Cree® XLamp® XB-D LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP90 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-AP90 Datasheet HTML 1Page - Cree, Inc CLD-AP90 Datasheet HTML 2Page - Cree, Inc CLD-AP90 Datasheet HTML 3Page - Cree, Inc CLD-AP90 Datasheet HTML 4Page - Cree, Inc CLD-AP90 Datasheet HTML 5Page - Cree, Inc CLD-AP90 Datasheet HTML 6Page - Cree, Inc CLD-AP90 Datasheet HTML 7Page - Cree, Inc CLD-AP90 Datasheet HTML 8Page - Cree, Inc CLD-AP90 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Soldering & handling
Cree® Xlamp® XB-d leds
TaBle of ConTenTS
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
inTroduCTion
This application note applies to XLamp XB-D LeDs
which have order codes in the following format.
XBDxxx-xx-xxxx-xxxxxxxxx
This application note explains how XLamp XB-D LeDs
and assemblies containing these LeDs should be
handled during manufacturing. Please read the entire
document to understand how to properly handle
XLamp XB-D LeDs.
Handling XLamp XB-D LeDs .................................2
Circuit Board Preparation & Layouts ......................4
Case Temperature (T
s) Measurement Point .............4
Notes on Soldering XLamp XB-D LeDs ...................5
Moisture Sensitivity ............................................6
XLamp XB-D LED Reflow Soldering Characteristics ..7
Chemicals & Conformal Coatings ..........................8
Assembly Storage & Handling...............................9
Tape and Reel - XB-D LeDs ................................ 10
Packaging & Labels ........................................... 11
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc. This document is provided for informational purposes only and is not
a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com.


Similar Part No. - CLD-AP90

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP91 CREE-CLD-AP91 Datasheet
1Mb / 13P
Cree® XLamp® XB-D White LEDs
rev 1
More results

Similar Description - CLD-AP90

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
XLAMP XB-D WHITE LEDS
Rev 1
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
XB-D CREE-XB-D Datasheet
1Mb / 19P
XLamp XB-D LEDs
Rev 10E
XB-H CREE-XB-H Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com