Electronic Components Datasheet Search
  English  ▼

X  

EPC100 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC100
Description  Light-Curtain Device with 2-Wire Bus Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC100 Datasheet HTML 1Page - Espros Photonics corp EPC100 Datasheet HTML 2Page - Espros Photonics corp EPC100 Datasheet HTML 3Page - Espros Photonics corp EPC100 Datasheet HTML 4Page - Espros Photonics corp EPC100 Datasheet HTML 5Page - Espros Photonics corp EPC100 Datasheet HTML 6Page - Espros Photonics corp EPC100 Datasheet HTML 7Page - Espros Photonics corp EPC100 Datasheet HTML 8Page - Espros Photonics corp EPC100 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
epc100
Connection Diagrams
Top View
CS
OUTN/
SO
PD
GND
VDD
EN/
SI
LED/
SCK
VDD33
AOUT/
OUTH
VDD18
3
2
1
10
5
4
7
6
8
9
PIN Connections QFN16-VEED-
1VN4
LST
Top View
28.01.2010
Page 1
File: Unbenannt
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
1
2
3
4
10-Pin Chip Scale Package (CSP)
16-Pin QFN Package
10-Pin
CSP
16-Pin
QFN
PIN Name
Type
Description
1
9
VDD
Power supply Positive power supply for regulator and positive terminal of the 2-wire interface.
2
7
GND
Power supply Negative power supply pin.
3
6
PD
Analog Input
Photo diode input.
4
4
CS
Digital Input
SPI Interface: Chip Select. Active low, with pull up
5
2
AOUT
OUTH
Analog Out
Digital Out
Amplified and filtered signal of the photo diode (push-pull) or
light reserve output (open drain) with 50 % threshold voltage above the threshold of the
OUT output.
6
1
SO
Digital Output SPI Interface: Serial out
7
15
SI
Digital Input
SPI Interface: Serial input
8
14
SCK
Digital Input
SPI Interface: Shift Clock
9
12
VDD33
Power supply
Decoupling
Positive power supply for analog and digital. If the the device is supplied by V DDR, a
power supply filter capacitor is connected to this pin.
10
10
VDD18
Analog Out
1.8 V regulator output. Do not use this pin, except for a decoupling capacitor.
n/a
3
NC
Not connected. Connect this pin with VSS.
n/a
5
NC
Not connected. Connect this pin with VSS.
n/a
8
NC
Not connected. Connect this pin with VSS.
n/a
11
NC
Not connected. Connect this pin with VSS.
n/a
13
NC
Not connected. Connect this pin with VSS.
n/a
16
NC
Not connected. Connect this pin with VSS.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc100 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com