Electronic Components Datasheet Search
  English  ▼

X  

EPC100 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC100
Description  Light-Curtain Device with 2-Wire Bus Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC100 Datasheet HTML 1Page - Espros Photonics corp EPC100 Datasheet HTML 2Page - Espros Photonics corp EPC100 Datasheet HTML 3Page - Espros Photonics corp EPC100 Datasheet HTML 4Page - Espros Photonics corp EPC100 Datasheet HTML 5Page - Espros Photonics corp EPC100 Datasheet HTML 6Page - Espros Photonics corp EPC100 Datasheet HTML 7Page - Espros Photonics corp EPC100 Datasheet HTML 8Page - Espros Photonics corp EPC100 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
epc100
Overview Functional Description
Light Curtain Receiver in a 2-Wire Configuration
VDD
VDD
VDD
VDD
AN epc100 light curtain receiver
LST
VDD33
I
F
epc100
GND
SO
SCK
SI
CS
µC
GND
VDD µC
VDD
PD
VDD33
R
1
epc100
GND
18.05.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
VDD18
PD
VDD33
R
2
epc100
GND
VDD18
PD
VDD33
R
n
epc100
GND
VDD18
Rx Element 1
Rx Element 2
Rx Element n
R
TE
I
TE
Figure 4: Typical light curtain receiver edge circuit
The epc100 device can be operated in two different modes:
a) Photo Current Receivers
It detects current pulses of the photo diode generated by light pulses and transmits the information using the 2-wire bus to a central con-
troller, i.e. a micro controller. The devices operating as this photo current receivers are designated in the schematic diagram above as R1 to
Rn.
b) 2-Wire Bus Interface of the Central Controller
It manages the 2-wire bus traffic between the micro controller and the individual photo current receivers. The device operating as the inter-
face unit is designated as IF.
From the point of view of the micro controller, the whole system looks like a single device with several addressable photo diodes. The micro
controller activates one photo diode and fetches the results after a predefined time. Each sensor device has two different operation modes: A
standby and an operating mode. During the standby mode the power consumption is reduced and the DC current generated in the photo di -
ode is shorted. During the operation mode, the micro controller addresses one device after the other and fetches the result. The result con -
tains the information whether a light pulse has been received in a predefined receive window or not. It also contains the time point when the
light pulse has been received in respect to the receive window.
The receiver channel detects current pulses which are generated by light pulses in the photo diodes. The detection circuitry has two trigger
levels, hereinafter called thresholds, which form a digital signal from the analog current change. The lower threshold is called OUTN (normal)
whereas the upper level is called OUTH (high). Both trigger thresholds can be configured individually per chip. Please refer to Figure 2 and to
the Reference Manual epc10x which contains the configuration information.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
5
Datasheet epc100 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com