Electronic Components Datasheet Search
  English  ▼

X  

EPC100 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC100
Description  Light-Curtain Device with 2-Wire Bus Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC100 Datasheet HTML 1Page - Espros Photonics corp EPC100 Datasheet HTML 2Page - Espros Photonics corp EPC100 Datasheet HTML 3Page - Espros Photonics corp EPC100 Datasheet HTML 4Page - Espros Photonics corp EPC100 Datasheet HTML 5Page - Espros Photonics corp EPC100 Datasheet HTML 6Page - Espros Photonics corp EPC100 Datasheet HTML 7Page - Espros Photonics corp EPC100 Datasheet HTML 8Page - Espros Photonics corp EPC100 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
epc100
Other Parameters
(typical values, Tamb = 25°C, VDD = 5.0V)
Figure 1: Input Sensitivity vs. LED pulse length
Figure 3: Typical light curtain receiver edge circuit
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
4
Datasheet epc100 - V2.1
www.espros.ch
Figure 2: OUTN and OUTH threshold operation
OUTN
OUTH
OUTN
OUTH
Threshold
Threshold
OUTN
OUTH
OUTN
OUTH
0
1
2
3
4
5
6
40
50
60
70
80
90
100
110
120
Pulse width [us]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com