Electronic Components Datasheet Search
  English  ▼

X  

EPC330 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC330
Description  High sensitive photodiodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC330 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC330 Datasheet HTML 1Page - Espros Photonics corp EPC330 Datasheet HTML 2Page - Espros Photonics corp EPC330 Datasheet HTML 3Page - Espros Photonics corp EPC330 Datasheet HTML 4Page - Espros Photonics corp EPC330 Datasheet HTML 5Page - Espros Photonics corp EPC330 Datasheet HTML 6Page - Espros Photonics corp EPC330 Datasheet HTML 7Page - Espros Photonics corp EPC330 Datasheet HTML 8Page - Espros Photonics corp EPC330 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
epc3xx
Other Parameters
(typical values, Tamb = 25°C, VDD = 5.0V, IPD=0mA)
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
epc3x0
Angle (°)
Relative sensitivity vs. illumination angle
400
500
600
700
800
900 1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
epc300/310/320/330
Wavelength (nm)
Relative spectral sensitivity
-100 0
100 200 300 400 500 600 700 800 900 10001100
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10.00
Photodiode 1
Photodiode 2
Position [μm]
Cross-talk between a pair of photodiodes
1E-4
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
epc300
Ie (mW/cm2)
Photocurrent IP = ƒ(Ie), VR = 5 V, λ=850nm
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
450
500
epc30x
___ fall time
..... rise time
Reverse bias voltage [V]
Rise/ fall time versus reverse bias voltage
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
5
Datasheet epc3xx - V2.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com