Electronic Components Datasheet Search
  English  ▼

X  

EPC330 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC330
Description  High sensitive photodiodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC330 Datasheet(HTML) 6 Page - Espros Photonics corp

Back Button EPC330 Datasheet HTML 2Page - Espros Photonics corp EPC330 Datasheet HTML 3Page - Espros Photonics corp EPC330 Datasheet HTML 4Page - Espros Photonics corp EPC330 Datasheet HTML 5Page - Espros Photonics corp EPC330 Datasheet HTML 6Page - Espros Photonics corp EPC330 Datasheet HTML 7Page - Espros Photonics corp EPC330 Datasheet HTML 8Page - Espros Photonics corp EPC330 Datasheet HTML 9Page - Espros Photonics corp EPC330 Datasheet HTML 10Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
epc3xx
Application Information
Light Barrier Application
The following circuit uses an epc3xx photo diode with an epc13x PD amplifier chip. This circuit offers a very high AC photo current sensitivity
and a tremendous DC backlight suppression.
Figure 1: Typical schematic circuit using an epc13x PD
amplifier
Recommended Components Values
R1: 27k (bias resistor). Sensitivity can be reduced by the reduction of this resistor.
C1: Usually not needed. May be up to 100 pF (refer to the epc13x data sheet).
C2: 33nF (DC input current filter capacitor)
C3: 100nF or more (power supply filter capacitor)
Spectral Sensitivity
This photo diode contains an anti-reflection coating on the photosensitive surface. Standard versions have no optical filter in order to allow ap-
plications from the near UV to the near IR range. However, optical filters deposited on the photosensitive surface are available upon request.
The filter parameters can be adjusted in a wide range according to specific customer requirements.
Electrical Isolation between individual Diodes
The individual diodes are located on a monolithic silicon chip. Thus, the electrical isolation between the individual diodes is not as good as
with diodes on separate substrates. The substrate is conductive in x and y direction between all anodes, e.g. indicated in schematics by “R”.
In x direction between the anode pairs ca. 20k Ω is a typical value. They must not be used as resistor components.
Design rules
On chip are the anodes metallic connect together by pairs. The user has to take care, that all anode pins are connected to the same voltage
level (refer to above section).
All pins of the diode array should be connected electrical-wise.
The biasing of the cathodes can be individual.Their voltage levels should be equal best match.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
6
Datasheet epc3xx - V2.3
www.espros.ch
C1
epc13x
PD
CN
OUT
VN
VSS
VDD
epc3xx
C2
C3
5V
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com