Electronic Components Datasheet Search
  English  ▼

X  

EPC330 Datasheet(PDF) 1 Page - Espros Photonics corp

Part # EPC330
Description  High sensitive photodiodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC330 Datasheet(HTML) 1 Page - Espros Photonics corp

  EPC330 Datasheet HTML 1Page - Espros Photonics corp EPC330 Datasheet HTML 2Page - Espros Photonics corp EPC330 Datasheet HTML 3Page - Espros Photonics corp EPC330 Datasheet HTML 4Page - Espros Photonics corp EPC330 Datasheet HTML 5Page - Espros Photonics corp EPC330 Datasheet HTML 6Page - Espros Photonics corp EPC330 Datasheet HTML 7Page - Espros Photonics corp EPC330 Datasheet HTML 8Page - Espros Photonics corp EPC330 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
epc3xx
High sensitive photodiodes
General Description
The epc3xx family products are high-sensitive photo diodes for
light-barrier, light-curtain, and the like applications. These photo
diodes are designed to be used in a reverse-bias mode.
This device allows the design of short to long range light barriers
from a few millimeters up to tens of meters.
Using chips from the epc3xx product line, linear or two dimen-
sional arrays can be formed for any application, be it triangulation,
spot location, angle measurement, rotary encoders, or similar.
Also, spectral sensitive detectors can easily be designed by
applying color filters in front of the photo diodes.
Also, other mechanical dimensions are available upon request. It
is be possible to manufacture photo diodes of up to 15x15 mm or
even bigger. Such a 15x15 mm device then would contain 450
individual photo diodes, each of them individually accessible. All
diodes feature a very high quantum efficiency of 90% in the near
IR range, a reverse breakdown voltage of up to 30 Volts and a
response time down to less than 100ns. All devices are available
upon request with optical bandpass filters.
Features
Low dark current
High quantum efficiency
High dynamic range
Diodes can be used in parallel
CSP package with very small footprint
Near infrared and visible version available
Customer specific wavelength filter upon request
Applications
Light barriers ranging from millimeters to tens of meters
Light curtains
Smoke detectors
Liquid detectors
Heart beat monitors
Position detection (rotary, linear, angle, etc.)
IR remote control of Hi-Fi, TV sets and other equipment
Leveling instruments
Differential measurement
Linear photo diode arrays
Product Range Overview
© 2010 ESPROS Photonics AG
www.espros.ch
connection
© 2010 ESPROS Photonics AG
www.espros.ch
R
connection
connection
© 2010 ESPROS Photonics AG
www.espros.ch
R
connection
connection
R
connection
connection
© 2010 ESPROS Photonics AG
www.espros.ch
R
connection
connection
R
connection
connection
R
connection
connection
R
connection
connection
R
R
R : refer to chapter “Electrical isolation between individual diodes”
Model
No. of
Photo
Diodes
Diode
Length
(mm)
Diode
Width
(mm)
Total Active
Area
(mm2)
Typ. Dark
Current
at 20°C (pA )
Ideal Bias
Voltage
(V)
Wavelength
(nm)
Footprint
Single diode
1
1.0
0.5
0.43
20
5
400 - 1050
---
epc300
2
1.0
1.0
0.86
40
5
400 - 1050
CSP4
epc310
4
2.0
1.0
1.71
80
5
400 - 1050
CSP8
epc320
8
2.0
2.0
3.42
160
5
400 - 1050
CSP16
epc330
16
4.0
2.0
6.84
320
5
400 - 1050
CSP32
Type specific characteristics (all diodes of the array connected in parallel)
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
1
Datasheet epc3xx - V2.3
www.espros.ch


Similar Part No. - EPC330

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC330-LCC32 EPC-EPC330-LCC32 Datasheet
134Kb / 2P
CSP-housing on LCC-housing carrierboard for part evaluation purpose of the epc3xx family products.
More results

Similar Description - EPC330

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD480PI SHARP-PD480PI Datasheet
45Kb / 3P
High Speed, Narrow Acceptance Photodiodes
logo
Agilent(Hewlett-Packard...
PDT0313-FC-A HP-PDT0313-FC-A Datasheet
96Kb / 4P
High Speed Receptacle Photodiodes
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
PIN PHOTODIODES
logo
PerkinElmer Optoelectro...
C30618 PERKINELMER-C30618 Datasheet
243Kb / 6P
High-Speed InGaAs PIN Photodiodes
logo
Hamamatsu Corporation
S6428-01 HAMAMATSU-S6428-01_15 Datasheet
230Kb / 6P
Si photodiodes
S5627-01 HAMAMATSU-S5627-01_15 Datasheet
172Kb / 5P
Si photodiodes
S1226 HAMAMATSU-S1226_15 Datasheet
261Kb / 6P
Si photodiodes
S10355-01 HAMAMATSU-S10355-01_15 Datasheet
152Kb / 4P
Si photodiodes
logo
Hongfa Technology
HFD2 HONGFA-HFD2_17 Datasheet
67Kb / 4P
High sensitive: 150mW
logo
Espros Photonics corp
EPC200 EPC-EPC200 Datasheet
370Kb / 6P
High sensitive photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com