Electronic Components Datasheet Search
  English  ▼

X  

TPS54519 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54519
Description  2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54519 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54519 Datasheet HTML 1Page - Texas Instruments TPS54519 Datasheet HTML 2Page - Texas Instruments TPS54519 Datasheet HTML 3Page - Texas Instruments TPS54519 Datasheet HTML 4Page - Texas Instruments TPS54519 Datasheet HTML 5Page - Texas Instruments TPS54519 Datasheet HTML 6Page - Texas Instruments TPS54519 Datasheet HTML 7Page - Texas Instruments TPS54519 Datasheet HTML 8Page - Texas Instruments TPS54519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS54519
SLVSAT3
– SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
TJ
PACKAGE
PART NUMBER
–40°C to 140°C
3
× 3 mm QFN
TPS54519RTE
ABSOLUTE MAXIMUM RATINGS
VALUE
UNIT
MIN
MAX
Input voltage
VIN
–0.3
7
V
EN
–0.3
7
BOOT
PH + 8
VSENSE
–0.3
3
COMP
–0.3
3
PWRGD
–0.3
7
SS/TR
–0.3
3
RT
–0.3
6
Output voltage
BOOT-PH
8
V
PH
–0.6
7
PH 10 ns Transient
–2
7
Source current
EN
100
μA
RT
100
Sink current
COMP
100
μA
PWRGD
10
mA
SS/TR
100
μA
Electrostatic discharge (HBM)
2
kV
Electrostatic discharge (CDM)
500
V
Operating Junction temperature, Tj
–40
140
°C
Storage temperature, Tstg
–65
150
°C
THERMAL INFORMATION
TPS54519
THERMAL METRIC(1)(2)
UNITS
RTE (16 PINS)
θJA
Junction-to-ambient thermal resistance (standard board)
49.1
θJA
Junction-to-ambient thermal resistance (custom board)(3)
37.0
ψJT
Junction-to-top characterization parameter
0.7
ψJB
Junction-to-board characterization parameter
21.8
°C/W
θJC(top)
Junction-to-case(top) thermal resistance
50.7
θJC(bot)
Junction-to-case(bottom) thermal resistance
7.5
θJB
Junction-to-board thermal resistance
21.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 140°C. This is the point where
distortion starts to substantially increase. See power dissipation estimate in the application section of this data sheet for more
information.
(3)
Test boards conditions:
(a) 2 inches x 2 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer
(d) 4 thermal vias (10mil) located under the device package
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com