Electronic Components Datasheet Search
  English  ▼

X  

TPS54519 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54519
Description  2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54519 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54519 Datasheet HTML 9Page - Texas Instruments TPS54519 Datasheet HTML 10Page - Texas Instruments TPS54519 Datasheet HTML 11Page - Texas Instruments TPS54519 Datasheet HTML 12Page - Texas Instruments TPS54519 Datasheet HTML 13Page - Texas Instruments TPS54519 Datasheet HTML 14Page - Texas Instruments TPS54519 Datasheet HTML 15Page - Texas Instruments TPS54519 Datasheet HTML 16Page - Texas Instruments TPS54519 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SS1
Vo u t 2
E N 1 / 2
Vo u t 1
SS/TR1
TPS54519
EN1
PWRGD1
SS/TR2
TPS54519
EN2
PWRGD2
D
´
Vout2 +
V
V ssoffset
R1 =
V ref
Iss
´
D
-
Vref
R1
R2 =
Vout2 +
V
Vref
V = Vout1
Vout 2
D
-
R1
2930
Vout1 145
V
>
´
-
´ D
TPS54519
www.ti.com
SLVSAT3
– SEPTEMBER 2011
Figure 20. Schematic for Ratio-metric Startup
Figure 21. Ratio-metric Startup with Vout1 Leading
Sequence
Vout2
Ratio-metric and simultaneous power supply sequencing can be implemented by connecting the resistor network
of R1 and R2 shown in Figure 22 to the output of the power supply that needs to be tracked or another voltage
reference source. Using Equation 5 and Equation 6, the tracking resistors can be calculated to initiate the Vout2
slightly before, after or at the same time as Vout1. Equation 7 is the voltage difference between Vout1 and
Vout2. The
ΔV variable is zero volts for simultaneous sequencing. To minimize the effect of the inherent SS/TR
to VSENSE offset (Vssoffset) in the slow start circuit and the offset created by the pullup current source (Iss) and
tracking resistors, the Vssoffset and Iss are included as variables in the equations. To design a ratio-metric start
up in which the Vout2 voltage is slightly greater than the Vout1 voltage when Vout2 reaches regulation, use a
negative number in Equation 5 through Equation 7 for
ΔV. Equation 7 will result in a positive number for
applications which the Vout2 is slightly lower than Vout1 when Vout2 regulation is achieved. Since the SS/TR pin
must be pulled below 40mV before starting after an EN, UVLO or thermal shutdown fault, careful selection of the
tracking resistors is needed to ensure the device will restart after a fault. Make sure the calculated R1 value from
Equation 5 is greater than the value calculated in Equation 8 to ensure the device can recover from a fault. As
the SS/TR voltage becomes more than 85% of the nominal reference voltage the Vssoffset becomes larger as
the slow start circuits gradually handoff the regulation reference to the internal voltage reference. The SS/TR pin
voltage needs to be greater than 0.87 V for a complete handoff to the internal voltage reference as shown in
Figure 21.
vertical spacer
(5)
spacer
(6)
spacer
(7)
spacer
(8)
spacer
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS54519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com