Electronic Components Datasheet Search
  English  ▼

X  

TPS54519 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54519
Description  2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54519 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54519 Datasheet HTML 17Page - Texas Instruments TPS54519 Datasheet HTML 18Page - Texas Instruments TPS54519 Datasheet HTML 19Page - Texas Instruments TPS54519 Datasheet HTML 20Page - Texas Instruments TPS54519 Datasheet HTML 21Page - Texas Instruments TPS54519 Datasheet HTML 22Page - Texas Instruments TPS54519 Datasheet HTML 23Page - Texas Instruments TPS54519 Datasheet HTML 24Page - Texas Instruments TPS54519 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
-
Vref
R7 =
R6
Vo
Vref
(
)
(
)
(
)
(
)
(
)
(
)
Voutmin
Ontimemin Fsmax
Vinmax
Ioutmin
2 RDS
Ioutmin
RL RDS
=
´
´
-
´
´
-
´
+
TPS54519
www.ti.com
SLVSAT3
– SEPTEMBER 2011
BOOTSTRAP CAPACITOR SELECTION
A 0.1
μF ceramic capacitor must be connected between the BOOT to PH pin for proper operation. It is
recommended to use a ceramic capacitor with X5R or better grade dielectric. The capacitor should have 10 V or
higher voltage rating.
UNDER VOLTAGE LOCK OUT SET POINT
The Under Voltage Lock Out (UVLO) can be adjusted using an external voltage divider on the EN pin of the
TPS54519. The UVLO has two thresholds, one for power up when the input voltage is rising and one for power
down or brown outs when the input voltage is falling. For the example design, the supply should turn on and start
switching once the input voltage increases above 2.794 V (VSTART). After the regulator starts switching, it should
continue to do so until the input voltage falls below 2.595 V (VSTOP).
The programmable UVLO and enable voltages are set using a resistor divider between Vin and ground to the EN
pin. Equation 2 and Equation 3 can be used to calculate the resistance values necessary. From Equation 2 and
Equation 3, a 14.3 k
Ω between Vin and EN and a 11.5 kΩ between EN and ground are required to produce the
2.794 and 2.595 volt start and stop voltages.
OUTPUT VOLTAGE AND FEEDBACK RESISTORS SELECTION
For the example design, 100 k
Ω was selected for R6. Using Equation 32, R7 is calculated as 80 kΩ. The nearest
standard 1% resistor is 80.5 k
Ω.
(32)
Due to the internal design of the TPS54519, there is a minimum output voltage limit for any given input voltage.
The output voltage can never be lower than the internal voltage reference of 0.6 V. Above 0.6 V, the output
voltage may be limited by the minimum controllable on time. The minimum output voltage in this case is given by
Equation 33
Where:
Voutmin = minimum achievable output voltage
Ontimemin = minimum contollable on-time (60 ns typical. 110 nsec no load)
Fsmax = maximum switching frequency including tolerance
Vinmax = maximum input voltage
Ioutmin = minimum load current
RDS = minimum high side MOSFET on resistance (30 - 44 m
Ω)
RL = series resistance of output inductor
(33)
There is also a maximum achievable output voltage which is limited by the minimum off time. The maximum
output voltage is given by Equation 34
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS54519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com