Electronic Components Datasheet Search
  English  ▼

X  

9DB233AFILFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9DB233AFILFT
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9DB233AFILFT Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 9Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 10Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 11Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 12Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 13Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
10
Datasheet
SMB us Table: Device C ontrol Register, READ/WRITE ADDRESS (D4/D5)
Pin #
Name
Control Function Type
0
1
Default
Bit 7
SW_EN
Enables SMBus
Control of bite 1
and 0
RW
PLL Functions
controlled by
SMBus
registers
PLL Functions
controlled by
device pins
1
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
PLL BW #adjust
Selects PLL
Bandwidth
RW
Low BW
High BW
1
Bit 0
PLL Enable
Bypasses PLL for
board test
RW
PLL bypassed
(fan out mode)
PLL enabled
(ZDB mode)
1
SMB us Table: Output Enable Register
Pin #
Name
Control Function Type
0
1
Default
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
SMB us Table: Function Select Register
Pin #
Name
Control Function Type
0
1
Default
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
SMB us Table: Vendor & Revision ID Register
Pin #
Name
Control Function Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
-
RESERVED
-
-
RESERVED
-
RESERVED
-
RESERVED
-
-
RESERVED
-
-
RESERVED
-
RESERVED
RESERVED
RESERVED
-
RESERVED
-
RESERVED
-
RESERVED
RESERVED
-
-
RESERVED
-
RESERVED
-
Byte 0
-
-
RESERVED
-
RESERVED
-
-
RESERVED
-
-
RESERVED
-
-
-
Byte 1
-
-
-
-
-
-
-
-
-
-
Byte 2
-
-
-
-
Byte 3
-
REVISION ID
-
-
-
VENDOR ID
-
-
-
-
RESERVED
-
RESERVED
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com