Electronic Components Datasheet Search
  English  ▼

X  

9DB233AFILFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9DB233AFILFT
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9DB233AFILFT Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 9Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 10Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 11Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 12Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 13Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
11
Datasheet
SMBus Table: DEVICE ID
Pin #
Name
Control Function Type
0
1
Default
Bit 7
R
0
Bit 6
R
0
Bit 5
R
0
Bit 4
R
0
Bit 3
R
0
Bit 2
R
1
Bit 1
R
1
Bit 0
R
0
SMBus Table: Byte Count Register
Pin #
Name
Control
Function
Type
0
1
Default
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
0
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
0
-
-
-
-
Byte 5
-
Writing to this
register will
configure how
many bytes will be
read back, default
is 06 = 6 bytes.
-
-
-
-
-
-
-
Byte 4
-
-
-
-
-
-
-
-
-
-
Device ID
= 06 Hex
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com