Electronic Components Datasheet Search
  English  ▼

X  

9DB233AFILFT Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 9DB233AFILFT
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILFT Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 9DB233AFILFT Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 9Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 10Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 11Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 12Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 13Page - Integrated Device Technology 9DB233AFILFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
12
Datasheet
MIN
MAX
MIN
MAX
A
1.35
1.75
.053
.069
A1
0.10
0.25
.004
.010
A2
--
1.50
--
.059
b
0.20
0.30
.008
.012
c
0.18
0.25
.007
.010
D
E
5.80
6.20
.228
.244
E1
3.80
4.00
.150
.157
e
L
0.40
1.27
.016
.050
N
a
0°
8°
0°
8°
ZD
In Millimeters
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
20-Lead, 150 mil SSOP (QSOP)
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SYMBOL
SEE VARIATIONS
20-pin SSOP Package Drawing and Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com