Electronic Components Datasheet Search
  English  ▼

X  

9ZX21201 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9ZX21201
Description  12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN2/3 AND QPI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZX21201 Datasheet(HTML) 2 Page - Integrated Device Technology

  9ZX21201 Datasheet HTML 1Page - Integrated Device Technology 9ZX21201 Datasheet HTML 2Page - Integrated Device Technology 9ZX21201 Datasheet HTML 3Page - Integrated Device Technology 9ZX21201 Datasheet HTML 4Page - Integrated Device Technology 9ZX21201 Datasheet HTML 5Page - Integrated Device Technology 9ZX21201 Datasheet HTML 6Page - Integrated Device Technology 9ZX21201 Datasheet HTML 7Page - Integrated Device Technology 9ZX21201 Datasheet HTML 8Page - Integrated Device Technology 9ZX21201 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDT®
12-Output Differential Z-buffer for PCIe Gen2/3 and QPI
1682B- 12/08/11
9ZX21201
12-Output Differential Z-buffer for PCIe Gen2/3 and QPI
2
Pin Configuration
Functionality at Power Up (PLL Mode)
100M_133M#
DIF_IN
(MHz)
DIF
1
100.00
DIF_IN
0
133.33
DIF_IN
PLL Operating Mode Readback Table
HiBW_BypM_LoBW#
Byte0, bit 7
Byte 0, bit 6
Low (Low BW)
0
0
Mid (Bypass)
0
1
High (High BW)
1
1
PLL Operating Mode
HiBW_BypM_LoBW#
MODE
Low
PLL Lo BW
Mid
Bypass
High
PLL Hi BW
NOTE: PLL is OFF in Bypass Mode
Tri-level Input Thresholds
Level
Voltage
Low
<0.8V
Mid
1.2<Vin<1.8V
High
Vin > 2.2V
MLF Power Connections
VDD
VDD
GND
12
Analog PLL
8
7
Analog Input
25,40,56
24,32,49,57
23,33,41,48,
58
DIF clocks
Pin Number
Description
SMB_A1_tri
SMB_A0_tri
0
0
D8
0M
DA
0
1
DE
M0
C2
M
M
C4
M
1
C6
1
0
CA
1
M
CC
11
CE
9ZX21201 SMBus Addressing
Pin
SMBus Address
(Rd/Wrt bit = 0)
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
VDDA 148 GND
GNDA 247 DIF_7#
IREF 346 DIF_7
100M_133M# 445 vOE7#
HIBW_BYPM_LOBW# 544 vOE6#
CKPWRGD_PD# 643 DIF_6#
GND 742 DIF_6
VDDR 841 GND
DIF_IN 940 VDD
DIF_IN# 10
39 DIF_5#
SMB_A0_tri 11
38 DIF_5
SMBDAT 12
37 vOE5#
SMBCLK 13
36 vOE4#
SMB_A1_tri 14
35 DIF_4#
DFB_OUT# 15
34 DIF_4
DFB_OUT 16
33 GND
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Notes: Pins with ^ prefix have internal ~100K pullup
Pins with v prefix have internal ~100K pulldown.
9ZX21201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com