Electronic Components Datasheet Search
  English  ▼

X  

ICS9DS400 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9DS400
Description  Four Output Differential Buffer for PCIe Gen 2 with Spread
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DS400 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9DS400 Datasheet HTML 1Page - Integrated Device Technology ICS9DS400 Datasheet HTML 2Page - Integrated Device Technology ICS9DS400 Datasheet HTML 3Page - Integrated Device Technology ICS9DS400 Datasheet HTML 4Page - Integrated Device Technology ICS9DS400 Datasheet HTML 5Page - Integrated Device Technology ICS9DS400 Datasheet HTML 6Page - Integrated Device Technology ICS9DS400 Datasheet HTML 7Page - Integrated Device Technology ICS9DS400 Datasheet HTML 8Page - Integrated Device Technology ICS9DS400 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IDTTM/ICSTM Four Output Differential Buffer for PCIe Gen 2 with Spread
1626
09/17/09
ICS9DS400
Four Output Differential Buffer for PCIe for Gen 2 with Spread
4
Advance Information
Pin Description for OE_INV = 1
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
INTERNAL
PULL UP
OR PULL
DOWN?
1
VDD
PWR
Power supply, nominal 3.3V
N/A
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
N/A
3
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
N/A
4
GND
PWR
Ground pin.
N/A
5
VDD
PWR
Power supply, nominal 3.3V
N/A
6
DIF_1
OUT
0.7V differential true clock output
N/A
7
DIF_1#
OUT
0.7V differential Complementary clock output
N/A
8
OE1#
IN
Active low input for enabling DIF pair 1.
1 = tri-state outputs, 0 = enable outputs
PULL UP
9
DIF_2
OUT
0.7V differential true clock output
N/A
10
DIF_2#
OUT
0.7V differential Complementary clock output
N/A
11
VDD
PWR
Power supply, nominal 3.3V
N/A
12
BYPASS#_SS
CG
IN
Input to select Bypass(fan-out) or SSCG (PLL) mode
0 = Bypass mode, 1= SSCG mode
PULL UP
13
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
N/A
14
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
N/A
15
PD
IN
Asynchronous active high input pin used to power down the device. The
internal clocks are disabled and the VCO is stopped.
PULL UP
16
DIF_STOP
IN
Active High input to stop differential output clocks.
PULL UP
17
SPREAD_EN
IN
Asynchronous, active high input to enable spread spectrum functionality.
PULL UP
18
VDD
PWR
Power supply, nominal 3.3V
N/A
19
DIF_5#
OUT
0.7V differential Complementary clock output
N/A
20
DIF_5
OUT
0.7V differential true clock output
N/A
21
OE6#
IN
Active low input for enabling DIF pair 6.
1 = tri-state outputs, 0 = enable outputs
PULL UP
22
DIF_6#
OUT
0.7V differential Complementary clock output
N/A
23
DIF_6
OUT
0.7V differential true clock output
N/A
24
VDD
PWR
Power supply, nominal 3.3V
N/A
25
OE_INV
IN
This latched input selects the polarity of the OE pins.
0 = OE pins active high, 1 = OE pins active low (OE#)
N/A
26
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
N/A
27
GNDA
PWR
Ground pin for the PLL core.
N/A
28
VDDA
PWR
3.3V power for the PLL core.
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com