Electronic Components Datasheet Search
  English  ▼

X  

ICS9DS400 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9DS400
Description  Four Output Differential Buffer for PCIe Gen 2 with Spread
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DS400 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9DS400 Datasheet HTML 6Page - Integrated Device Technology ICS9DS400 Datasheet HTML 7Page - Integrated Device Technology ICS9DS400 Datasheet HTML 8Page - Integrated Device Technology ICS9DS400 Datasheet HTML 9Page - Integrated Device Technology ICS9DS400 Datasheet HTML 10Page - Integrated Device Technology ICS9DS400 Datasheet HTML 11Page - Integrated Device Technology ICS9DS400 Datasheet HTML 12Page - Integrated Device Technology ICS9DS400 Datasheet HTML 13Page - Integrated Device Technology ICS9DS400 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IDTTM/ICSTM Four Output Differential Buffer for PCIe Gen 2 with Spread
1626
09/17/09
ICS9DS400
Four Output Differential Buffer for PCIe for Gen 2 with Spread
10
Advance Information
Vdiff
Vp-p
Vcm
R1
R2
R3
R4
Note
0.45v
0.22v
1.08
33
150
100
100
0.58
0.28
0.6
33
78.7
137
100
0.80
0.40
0.6
33
78.7
none
100
ICS874003i-02 input compatible
0.60
0.3
1.2
33
174
140
100
Standard LVDS
R1a = R1b = R1
R2a = R2b = R2
Alternative Termination for LVDS and other Common Differential Signals (figure 3)
HCSL Output Buffer
L1
L1'
R1b
L2
L2'
R1a
L4'
L4
L3
R2a
R2b
Down Device
REF_CLK Input
Figure 3
L3'
R3
R4
Component
Value
Note
R5a, R5b
8.2K 5%
R6a, R6b
1K 5%
Cc
0.1 µF
Vcm
0.350 volts
Cable Connected AC Coupled Application (figure 4)
PCIe Device
REF_CLK Input
Figure 4
R5a
L4'
L4
3.3 Volts
R5b
R6a
R6b
Cc
Cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com