Electronic Components Datasheet Search
  English  ▼

X  

9FG104DFILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FG104DFILF
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG104DFILF Datasheet(HTML) 3 Page - Integrated Device Technology

  9FG104DFILF Datasheet HTML 1Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 2Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 3Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 4Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 5Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 6Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 7Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 8Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IDT®
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1541C—12/16/10
ICS9FG104D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
vFS2
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
7
DIF_3
OUT
0.7V differential true clock output
8
DIF_3#
OUT
0.7V differential Complementary clock output
9
VDD
PWR
Power supply, nominal 3.3V
10
GND
PWR
Ground pin.
11
DIF_2
OUT
0.7V differential true clock output
12
DIF_2#
OUT
0.7V differential Complementary clock output
13
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
14
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
15
DIF_STOP#
IN
Active low input to stop differential output clocks.
16
vSPREAD
IN
Asynchronous, active high input to enable spread spectrum functionality. This pin
has a 120Kohm pull down resistor.
17
^SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. This pin has an internal 120kohm
pull up resistor.
1 = 14.31818 MHz, 0 = 25 MHz
18
DIF_1#
OUT
0.7V differential Complementary clock output
19
DIF_1
OUT
0.7V differential true clock output
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
DIF_0#
OUT
0.7V differential Complementary clock output
23
DIF_0
OUT
0.7V differential true clock output
24
vFS1
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
25
vFS0
IN
3.3V Frequency select latched input pin with internal 120kohm pull down resistor.
26
IREF
OUT
This pin establishes the reference for the differential current-mode output pairs. It
requires a fixed precision resistor to ground. 475ohm is the standard value for
100ohm differential impedance. Other impedances require different values. See
data sheet.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com