Electronic Components Datasheet Search
  English  ▼

X  

9FG104DFILF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9FG104DFILF
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG104DFILF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9FG104DFILF Datasheet HTML 2Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 3Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 4Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 5Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 6Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 7Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 8Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 9Page - Integrated Device Technology 9FG104DFILF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IDT®
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1541C—12/16/10
ICS9FG104D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
6
Electrical Characteristics - REF-14.318/25 MHz
TA = TAM BIENT; VDD = 3.3 V +/-5%;RS=33Ω CL = 5 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
ppm
1,2
14.318MHz output nominal
ns
1,2
25.000MHz output nominal
ns
1,2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.6
2.5
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.6
2.5
ns
1,2
Duty Cycle
dt1
VT = 1.5 V
45
52.5
55
%
1,2
Jitter
tjcyc-cycCOM
VT = 1.5 V (commerical)
150
200
ps
1
Jitter
tjcyc-cycIND
VT = 1.5 V (commerical)
400
600
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
0
69.8413
40.0000
2 Trim capacitors must be used to tune the REF to the exact Crystal Frequency.
Clock period
Tperiod
Electrical Characteristics - Differential Phase Jitter Parameters
PARAMETER
Symbol
Conditions
Min
Typ
Max
Units
Notes
tjphasePLL
PCIe Gen 1
40
86
ps (p-p)
1,2
tjphaseLo
PCIe Gen 2
10kHz < f < 1.5MHz
1.2
3
ps
(RMS)
1,2
tjphaseHigh
PCIe Gen 2
1.5MHz < f < Nyquist (50MHz)
2.2
3.1
ps
(RMS)
1,2
tjphQPI
QPI 133MHz 4.8G/6.4Gb,12UI
0.25/0.2
0.5
ps
(RMS)
1,3
tjphFBD3.2G
FBD specs
(11 to 33MHz)
2.2
3
ps
(RMS)
1
tjphFBD4.8G
FBD specs
(11 to 33MHz)
1.8
2.5
ps
(RMS)
1
1Guaranteed by design and characterization, not 100% tested in production.
2See http://www.pcisig.com for compelte specs
3First number is 4.8G link speed, second number is 6.4G link speed. From Intel Clock Jit tool 1.5.1
Jitter, Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com