Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS462 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS462 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS9LPRS462 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
16
SMBus Table: CLKREQB# and CLKREQC# Output Control Register
Byte 4
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
12,13
REQASRC5
CLKREQA# Controls SRC5
RW
Does not
control
Controls
0
Bit 6
16,17
REQASRC4
CLKREQA# Controls SRC4
RW
Does not
control
Controls
0
Bit 5
18,19
REQASRC3
CLKREQA# Controls SRC3
RW
Does not
control
Controls
0
Bit 4
0
Bit 3
0
Bit 2
31,30
REQCATIG1
CLKREQC# Controls ATIG1
RW
Does not
control
Controls
0
Bit 1
35,34
REQCATIG0
CLKREQC# Controls ATIG0
RW
Does not
control
Controls
0
Bit 0
39,38
REQCSRC0
CLKREQC# Controls SRC0
RW
Does not
control
Controls
0
SMBus Table: CPU Stop Control and SRC Frequency Select Register
Byte 5
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
IO_VOUT2
IO Output Voltage Select (Most
Significant Bit)
RW
1
Bit 6
IO_VOUT1
IO Output Voltage Select
RW
0
Bit 5
IO_VOUT0
IO Output Voltage Select (Least
Significant Bit)
RW
1
Bit 4
0
Bit 3
-
SRC FS3
SRC Freq Select Bit 3
RW
0
Bit 2
-
SRC FS2
SRC Freq Select Bit 2
RW
0
Bit 1
-
SRC FS1
SRC Freq Select Bit 1
RW
0
Bit 0
-
SRC FS0
SRC Freq Select Bit 0
RW
0
SMBus Table: Device ID Register
Byte 6
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-
Device ID7 (MSB)
R
-
-
0
Bit 6
-
Device ID6
R
-
-
1
Bit 5
-Device ID5
R
-
-
1
Bit 4
-Device ID4
R
-
-
0
Bit 3
-Device ID3
R
-
-
0
Bit 2
-Device ID2
R
-
-
1
Bit 1
-Device ID1
R
-
-
0
Bit 0
-
Device ID0 (LSB)
R
-
-
0
SMBus Table: Revision and Vendor ID Register
Byte 7
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-RID3
R
-
-
0
Bit 6
-RID2
R
-
-
0
Bit 5
-RID1
R
-
-
0
Bit 4
-RID0
R
-
-
0
Bit 3
-VID3
R
-
-
0
Bit 2
-VID2
R
-
-
0
Bit 1
-VID1
R
-
-
0
Bit 0
-VID0
R
-
-
1
VENDOR ID
See Table 2:
SRC Frequency Selection
Table
DEVICE ID
REVISION ID
Reserved
See Table 8: V_IO Selection
(Default is 0.8V)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com