Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS462 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS462 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS9LPRS462 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
14
General SMBus serial interface information for the ICS9LPRS462
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address D2
(H)
• ICS clock will
acknowledge
• Controller (host) sends the begining byte location = N
• ICS clock will
acknowledge
• Controller (host) sends the data byte count = X
• ICS clock will
acknowledge
• Controller (host) starts sending
Byte N through
Byte N + X -1
• ICS clock will
acknowledge each byte one at a time
• Controller (host) sends a Stop bit
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the write address D2
(H)
• ICS clock will
acknowledge
• Controller (host) sends the begining byte
location = N
• ICS clock will
acknowledge
• Controller (host) will send a separate start bit.
• Controller (host) sends the read address D3
(H)
• ICS clock will
acknowledge
• ICS clock will send the data byte count = X
• ICS clock sends
Byte N + X -1
• ICS clock sends
Byte 0 through byte X (if X
(H)
was written to byte 8).
• Controller (host) will need to acknowledge each byte
• Controllor (host) will send a not acknowledge bit
• Controller (host) will send a stop bit
ICS (Slave/Receiver)
T
WR
ACK
ACK
ACK
ACK
ACK
P
stoP bit
Index Block Write Operation
Slave Address D2(H)
Beginning Byte = N
WRite
starT bit
Controller (Host)
Byte N + X - 1
Data Byte Count = X
Beginning Byte N
T
starT bit
WR
WRite
RT
Repeat starT
RD
ReaD
Beginning Byte N
Byte N + X - 1
N
Not acknowledge
PstoP bit
Slave Address D3(H)
Index Block Read Operation
Slave Address D2(H)
Beginning Byte = N
ACK
ACK
Data Byte Count = X
ACK
ICS (Slave/Receiver)
Controller (Host)
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com