Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS462 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ICS9LPRS462
Description  Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS462 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ICS9LPRS462 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 22Page - Integrated Device Technology ICS9LPRS462 Datasheet HTML 23Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ICS9LPRS462
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
IDTTM/ICSTM
Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs
1378A—04/07/08
19
SMBus Table: ATIG PLL Spread Spectrum Control Register
Byte 18
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
-
SSP14
RW
X
Bit 5
-
SSP13
RW
X
Bit 4
-
SSP12
RW
X
Bit 3
-
SSP11
RW
X
Bit 2
-
SSP10
RW
X
Bit 1
-
SSP9
RW
X
Bit 0
-
SSP8
RW
X
SMBus Table: CPU and ATIG Divider Ratio Programming Bits Select Register
Byte 19
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-CPU_Div3
RW
X
Bit 6
-CPU_Div2
RW
X
Bit 5
-CPU_Div1
RW
X
Bit 4
-CPU_Div0
RW
X
Bit 3
-
ATIG_Div3
RW
X
Bit 2
-
ATIG_Div2
RW
X
Bit 1
-
ATIG_Div1
RW
X
Bit 0
-
ATIG_Div0
RW
X
SMBus Table: HTT Divider Ratio Programming Bits Select Register
Byte 20
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
-HTT_Div3
RW
X
Bit 2
-HTT_Div2
RW
X
Bit 1
-HTT_Div1
RW
X
Bit 0
-HTT_Div0
RW
X
HTT_Divider Ratio
Programming Bits
See Table 6:
HTT Divider Ratios
Reserved
See Table 4:
CPU Divider Ratios
ATIG_Divider Ratio
Programming Bits
Reserved
Reserved
Reserved
Spread Spectrum Programming
b(14:8)
These Spread Spectrum bits
in Byte 19 and 20 will program
the spread pecentage. It is
recommended to use ICS
Spread % table for spread
programming.
CPU_Divider Ratio
Programming Bits
Reserved
See Table 5:
ATIG Divider Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com