Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9610 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9UMS9610
Description  PC MAIN CLOCK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9610 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9UMS9610 Datasheet HTML 1Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 2Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 3Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 4Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 5Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 6Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 7Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1336—06/01/09
ICS9UMS9610
PC MAIN CLOCK
2
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
Logic Level
(V)
Input Level
Tolerance (V)
1
CPU_STOP#_3.3
IN
This active-low input stops all CPU clocks that are set to be stoppable.
3.3
3.3
2
CLKPWRGD#/PD_3.3
IN
This level sensitive strobe determines when latch inputs are valid and are
ready to be sampled. When high, this asynchronous input places the
device into the power down state.
3.3
3.3
3
X2
OUT Crystal output, Nominally 14.318MHz
N/A
N/A
4
X1
IN
Crystal input, Nominally 14.318MHz.
1.5
1.5
5
VDDREF_3.3
PWR Power pin for the XTAL and REF clocks, nominal 3.3V
3.3
3.3
6
REF_3.3_2x
OUT 3.3V 14.318 MHz reference clock. Default 2 load drive strength
3.3
N/A
7
GNDREF
GND Ground pin for the REF outputs.
0
N/A
8
VDDCORE_1.5
PWR 1.5V power for the PLL core
1.5
1.5
9
FSC_L_1.5
IN
Low threshold input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. 1.5V Max input voltage.
1.5
1.5
10
TEST_MODE_1.5
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider
mode while in test mode. Refer to Test Clarification Table. Max input
voltage is 1.5V.
1.5
3.3
11
TEST_SEL_1.5
IN
TEST_SEL: latched input to select TEST MODE. Max input voltage is 1.5V
1 = All outputs are tri-stated for test
0 = All outputs behave normally.
1.5
3.3
12
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
3.3
3.3
13
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
3.3
3.3
14
VDDCORE_1.5
PWR 1.5V power for the PLL core
1.5
1.5
15
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
1.5
1.5
16
DOT96C_LPR
OUT
Complement clock of low power differential pair for 96.00MHz DOT clock.
No 50ohm resistor to GND needed. No Rs needed.
0.8
N/A
17
DOT96T_LPR
OUT
True clock of low power differential pair for 96.00MHz DOT clock. No
50ohm resistor to GND needed. No Rs needed.
0.8
N/A
18
GNDDOT
GND Ground pin for DOT clock output
0
N/A
19
GNDLCD
GND Ground pin for LCD clock output
0
N/A
20
LCD100C_LPR
OUT
Complement clock of low power differential pair for LCD100 SS clock. No
50ohm resistor to GND needed. No Rs needed.
0.8
N/A
21
LCD100T_LPR
OUT
True clock of low power differential pair for LCD100 SS clock. No 50ohm
resistor to GND needed. No Rs needed.
0.8
N/A
22
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
1.5
1.5
23
VDDCORE_1.5
PWR 1.5V power for the PLL core
1.5
1.5
24
*CR#0_1.5
IN
1.5V Clock request for SRC0, 0 = enable, 1 = disable
1.5
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com