Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9610 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9UMS9610
Description  PC MAIN CLOCK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9610 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9UMS9610 Datasheet HTML 8Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 12Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 13Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 14Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 15Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1336—06/01/09
ICS9UMS9610
PC MAIN CLOCK
12
Byte
4
CPU PLL M/N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
CPU N Div8
N Divider Prog bit 8
RW
X
Bit 6
CPU N Div9
N Divider Prog bit 9
RW
X
Bit 5
CPU M Div5
RW
X
Bit 4
CPU M Div4
RW
X
Bit 3
CPU M Div3
RW
X
Bit 2
CPU M Div2
RW
X
Bit 1
CPU M Div1
RW
X
Bit 0
CPU M Div0
RW
X
Byte
5
CPU PLL M/N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
CPU N Div7
RW
X
Bit 6
CPU N Div6
RW
X
Bit 5
CPU N Div5
RW
X
Bit 4
CPU N Div4
RW
X
Bit 3
CPU N Div3
RW
X
Bit 2
CPU N Div2
RW
X
Bit 1
CPU N Div1
RW
X
Bit 0
CPU N Div0
RW
X
Byte
6
DOT96 PLL M/N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DOT N Div8
N Divider Prog bit 8
RW
X
Bit 6
DOT N Div9
N Divider Prog bit 9
RW
X
Bit 5
DOT M Div5
RW
X
Bit 4
DOT M Div4
RW
X
Bit 3
DOT M Div3
RW
X
Bit 2
DOT M Div2
RW
X
Bit 1
DOT M Div1
RW
X
Bit 0
DOT M Div0
RW
X
Byte
7
DOT96 PLL M/N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DOT N Div7
RW
X
Bit 6
DOT N Div6
RW
X
Bit 5
DOT N Div5
RW
X
Bit 4
DOT N Div4
RW
X
Bit 3
DOT N Div3
RW
X
Bit 2
DOT N Div2
RW
X
Bit 1
DOT N Div1
RW
X
Bit 0
DOT N Div0
RW
X
The decimal representation of M
and N Divider in Byte 4 and 5 will
configure the CPU VCO
frequency. Default at power up
= latch-in. VCO Frequency =
14.318 x [NDiv(11:0)] /
[MDiv(5:0)]
M Divider Programming
bit (5:0)
M Divider Programming
bit (5:0)
The decimal representation of M
and N Divider in Byte 6 and 7 will
configure the DOT VCO
frequency. VCO Frequency =
14.318 x [NDiv(11:0)] /
[MDiv(5:0)]
N Divider Programming Byte7 bit(7:0) and
Byte6 bit(7:6)
The decimal representation of M
and N Divider in Byte 6 and 7 will
configure the DOT VCO
frequency. VCO Frequency =
14.318 x [NDiv(11:0)] /
[MDiv(5:0)]
N Divider Programming Byte5 bit(7:0) and
Byte5 bit(7:6)
The decimal representation of M
and N Divider in Byte 4 and 5 will
configure the CPU VCO
frequency. Default at power up
= latch-in. VCO Frequency =
14.318 x [NDiv(11:0)] /
[MDiv(5:0)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com