Electronic Components Datasheet Search
  English  ▼

X  

ICS9UMS9610 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9UMS9610
Description  PC MAIN CLOCK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9UMS9610 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9UMS9610 Datasheet HTML 9Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 10Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 11Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 12Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 13Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 14Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 15Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 16Page - Integrated Device Technology ICS9UMS9610 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
IDTTM/ICSTM PC MAIN CLOCK
1336—06/01/09
ICS9UMS9610
PC MAIN CLOCK
13
Byte
8
LCD100 PLL M/N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
LCD100 N Div8
N Divider Prog bit 8
RW
X
Bit 6
LCD100 N Div9
N Divider Prog bit 9
RW
X
Bit 5
LCD100 M Div5
RW
X
Bit 4
LCD100 M Div4
RW
X
Bit 3
LCD100 M Div3
RW
X
Bit 2
LCD100 M Div2
RW
X
Bit 1
LCD100 M Div1
RW
X
Bit 0
LCD100 M Div0
RW
X
Byte
9
LCD100 PLL M/N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
LCD100 N Div7
RW
X
Bit 6
LCD100 N Div6
RW
X
Bit 5
LCD100 N Div5
RW
X
Bit 4
LCD100 N Div4
RW
X
Bit 3
LCD100 N Div3
RW
X
Bit 2
LCD100 N Div2
RW
X
Bit 1
LCD100 N Div1
RW
X
Bit 0
LCD100 N Div0
RW
X
Byte
10
Status Readback Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
37
FSB
Frequency Select B
R
Latch
6
9
FSC
Frequency Select C
R
Latch
5
24
CR0# Readbk
Real time CR0# State Indicator
R
CR0# is Low
CR0# is HighX
4
28
CR1# Readbk
Real time CR1# State Indicator
R
CR1# is Low
CR1# is HighX
3
36
CR2# Readbk
Real time CR2# State Indicator
R
CR2# is Low
CR2# is High
X
2
Reserved
0
1
Reserved
0
0
Reserved
0
Byte
11
Revision ID/Vendor ID Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
Rev Code Bit 3
R
X
6
Rev Code Bit 2
R
X
5
Rev Code Bit 1
R
X
4
Rev Code Bit 0
R
X
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
The decimal representation of M
and N Divider in Byte 8 and 9 will
configure the DOT VCO
frequency. VCO Frequency =
14.318 x [NDiv(11:0)] /
[MDiv(5:0)]
M Divider Programming
bit (5:0)
N Divider Programming Byte9 bit(7:0) and
Byte8 bit(7:6)
The decimal representation of M
and N Divider in Byte 8 and 9 will
configure the DOT VCO
frequency. VCO Frequency =
14.318 x [NDiv(11:0)] /
[MDiv(5:0)]
Vendor ID
Vendor specific
See Table 1: CPU Frequency
Select Table
Revision ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com