Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9608
Description  10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9608 Datasheet HTML 8Page - Analog Devices AD9608 Datasheet HTML 9Page - Analog Devices AD9608 Datasheet HTML 10Page - Analog Devices AD9608 Datasheet HTML 11Page - Analog Devices AD9608 Datasheet HTML 12Page - Analog Devices AD9608 Datasheet HTML 13Page - Analog Devices AD9608 Datasheet HTML 14Page - Analog Devices AD9608 Datasheet HTML 15Page - Analog Devices AD9608 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9608
Rev. 0 | Page 12 of 40
Pin No.
Mnemonic
Type
Description
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
32
D0A (LSB)
Output
Channel A CMOS Output Data.
33
D1A
Output
Channel A CMOS Output Data.
34
D2A
Output
Channel A CMOS Output Data.
35
D3A
Output
Channel A CMOS Output Data.
36
D4A
Output
Channel A CMOS Output Data.
38
D5A
Output
Channel A CMOS Output Data.
39
D6A
Output
Channel A CMOS Output Data.
40
D7A
Output
Channel A CMOS Output Data.
41
D8A
Output
Channel A CMOS Output Data.
42
D9A (MSB)
Output
Channel A CMOS Output Data.
43
ORA
Output
Channel A Overrange Output.
11
D0B (LSB)
Output
Channel B CMOS Output Data.
12
D1B
Output
Channel B CMOS Output Data.
13
D2B
Output
Channel B CMOS Output Data.
14
D3B
Output
Channel B CMOS Output Data.
15
D4B
Output
Channel B CMOS Output Data.
16
D5B
Output
Channel B CMOS Output Data.
17
D6B
Output
Channel B CMOS Output Data.
18
D7B
Output
Channel B CMOS Output Data.
20
D8B
Output
Channel B CMOS Output Data.
21
D9B (MSB)
Output
Channel B CMOS Output Data.
22
ORB
Output
Channel B Overrange Output
24
DCOA
Output
Channel A Data Clock Output.
23
DCOB
Output
Channel B Data Clock Output.
SPI Control
45
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
44
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer Pin in External Pin Mode.
46
CSB
Input
SPI Chip Select (Active Low).
ADC Configuration
47
OEB
Input
Output Enable Input (Active Low). Pin must be enabled via SPI.
48
PDWN
Input
Power-Down Input in External Pin Mode. In SPI mode, this input can be configured
as power-down or standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com