Electronic Components Datasheet Search
  English  ▼

X  

AD9648 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9648
Description  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9648 Datasheet HTML 3Page - Analog Devices AD9648 Datasheet HTML 4Page - Analog Devices AD9648 Datasheet HTML 5Page - Analog Devices AD9648 Datasheet HTML 6Page - Analog Devices AD9648 Datasheet HTML 7Page - Analog Devices AD9648 Datasheet HTML 8Page - Analog Devices AD9648 Datasheet HTML 9Page - Analog Devices AD9648 Datasheet HTML 10Page - Analog Devices AD9648 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9648
Rev. 0 | Page 7 of 44
AD9628-105/125
Parameter
Temp
Min
Typ
Max
Unit
LOGIC INPUT (SCLK/DFS/SYNC)2
High Level Input Voltage
Full
1.22
DRVDD + 0.2
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 1.8 V)
Full
−92
−135
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUT/OUTPUT (SDIO/DCS)1
High Level Input Voltage
Full
1.22
DRVDD + 0.2
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
38
128
μA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
LOGIC INPUTS (OEB, PDWN)2
High Level Input Voltage
Full
1.22
DRVDD + 0.2
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 1.8 V)
Full
−90
−134
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage
IOH = 50 μA
Full
1.79
V
IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
V
IOL = 50 μA
Full
0.05
V
LVDS Mode—DRVDD = 1.8 V
Differential Output Voltage (VOD), ANSI Mode
Full
290
345
400
mV
Output Offset Voltage (VOS), ANSI Mode
Full
1.15
1.25
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
160
200
230
mV
Output Offset Voltage (VOS), Reduced Swing Mode
Full
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com