Electronic Components Datasheet Search
  English  ▼

X  

AD9648 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9648
Description  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9648 Datasheet HTML 15Page - Analog Devices AD9648 Datasheet HTML 16Page - Analog Devices AD9648 Datasheet HTML 17Page - Analog Devices AD9648 Datasheet HTML 18Page - Analog Devices AD9648 Datasheet HTML 19Page - Analog Devices AD9648 Datasheet HTML 20Page - Analog Devices AD9648 Datasheet HTML 21Page - Analog Devices AD9648 Datasheet HTML 22Page - Analog Devices AD9648 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD9648
Rev. 0 | Page 19 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
AD9648-125
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
60
50
FREQUENCY (MHz)
125MSPS
9.7MHz AT –1dBFS
SNR = 74.4dB (75.4dBFS)
SFDR = 95.4dBc
Figure 9. Single-Tone FFT with fIN = 9.7 MHz
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
FREQUENCY (MHz)
125MSPS
30.5MHz AT –1dBFS
SNR = 74.0dB (75.0dBFS)
SFDR = 86.0dBc
Figure 10. Single-Tone FFT with fIN = 30.5 MHz
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
FREQUENCY (MHz)
125MSPS
70.1MHz AT –1dBFS
SNR = 73.8dB (74.8dBFS)
SFDR = 95.8dBc
Figure 11. Single-Tone FFT with fIN = 70.1 MHz
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
FREQUENCY (MHz)
125MSPS
100.5MHz AT –1dBFS
SNR = 73.3dB (74.3dBFS)
SFDR = 92.3dBc
Figure 12. Single-Tone FFT with fIN = 100.5 MHz
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
FREQUENCY (MHz)
125MSPS
200.5MHz AT –1dBFS
SNR = 70.9dB (71.9dBFS)
SFDR = 83.6dBc
Figure 13. Single-Tone FFT with fIN = 200.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com